Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPLS506ACFN Datasheet(PDF) 14 Page - Texas Instruments

Part # TIBPLS506ACFN
Description  13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPLS506ACFN Datasheet(HTML) 14 Page - Texas Instruments

Back Button TIBPLS506ACFN Datasheet HTML 8Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 9Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 10Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 11Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 12Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 13Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 14Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 15Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
TIBPLS506AC
13
× 97 × 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
SRPS003C – D3090, DECEMBER 1987 – REVISED NOVEMBER 1995
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
14
TYPICAL CHARACTERISTICS
100
50
25
0
025
50
Figure 6
150
175
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
200
75
125
75
TA – Free-Air Temperature – °C
VCC = 5.25 V
VCC = 4.75 V
VCC = 5 V
750
700
1000
1
2
4
7
10
40
100
Figure 7
f – Frequency – MHz
POWER DISSIPATION
vs
FREQUENCY
20
70
950
850
800
900
TA = 50°C
TA = 25°C
TA = 0°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com