Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM5102APW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5102APW
Description  2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5102APW Datasheet(HTML) 1 Page - Texas Instruments

  PCM5102APW Datasheet HTML 1Page - Texas Instruments PCM5102APW Datasheet HTML 2Page - Texas Instruments PCM5102APW Datasheet HTML 3Page - Texas Instruments PCM5102APW Datasheet HTML 4Page - Texas Instruments PCM5102APW Datasheet HTML 5Page - Texas Instruments PCM5102APW Datasheet HTML 6Page - Texas Instruments PCM5102APW Datasheet HTML 7Page - Texas Instruments PCM5102APW Datasheet HTML 8Page - Texas Instruments PCM5102APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Current
Segment
DAC
Current
Segment
DAC
Zero
Data
Detector
UVP/Reset
PLL Clock
Power
Supply
Ch. Pump
POR
Clock Halt
Detection
Advanced Mute Control
MCK
BCK
LRCK
LINE OUT
DIN (i2s)
PCM510xA
CPVDD (3.3V)
AVDD (3.3V)
DVDD (1.8V or 3.3V)
GND
PCM5100A, PCM5101A, PCM5102A
www.ti.com
SLAS859 – MAY 2012
2VRMS DirectPath™, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
Check for Samples: PCM5100A, PCM5101A, PCM5102A
1
FEATURES
Typical Performance (3.3V Power Supply)
23
•
Market-Leading Low Out-of-Band Noise
Parameter
PCM5102 / PCM5101 /
•
Selectable Digital-Filter Latency &
PCM5100
Performance
SNR
112 / 106 / 100dB
•
No DC Blocking Capacitors Required
Dynamic Range
112 / 106 / 100dB
•
Integrated Negative Charge Pump
THD+N @ - 1dBFS
–93 / –92 / –90dB
Full Scale Output
2.1VRMS (GND center)
•
Internal Pop-Free Control For Sample-Rate
Changes Or Clock Halts
Normal 8× Oversampling Digital Filter Latency: 20tS
Low Latency 8× Oversampling Digital Filter Latency: 3.5tS
•
Intelligent Muting System; Soft Up/Down Ramp
& Analog Mute For 120dB Mute SNR With
Sampling Frequency
8kHz to 384kHz
Popless Operation.
System Clock Multiples (fSCK): 64, 128, 192, 256, 384, 512,
768, 1024, 1152, 1536, 2048, 3072; up to 50 MHz
•
Integrated High-Performance Audio PLL With
BCK Reference To Generate SCK Internally
•
Supports 1.8V Digital Input Interface
•
Small 20-pin TSSOP Package
Figure 1. PCM510xA Functional Block Diagram
OTHER KEY FEATURES
•
Hardware Configuration
•
Accepts 16-, 24-, And 32-Bit Audio Data
•
Single Supply Operation:
•
PCM Data Formats: I2S, Left-Justified
–
3.3V Analog, 1.8V or 3.3V Digital
•
Automatic Power-Save Mode When LRCK And
•
Integrated Power-On Reset
BCK Are Deactivated.
•
1.8V or 3.3V Failsafe LVCMOS Digital Inputs
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
System Two Cascade, Audio Precision are trademarks of Audio Precision.
3
DirectPath is a trademark of Texas, Instruments, Inc..
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM5102APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5102APW TI1-PCM5102APW Datasheet
1Mb / 35P
112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102APW TI1-PCM5102APW Datasheet
1Mb / 42P
Audio Stereo DAC
PCM5102APW TI2-PCM5102APW Datasheet
1Mb / 44P
PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
REVISED MAY 2015
PCM5102APW.A TI2-PCM5102APW.A Datasheet
1Mb / 44P
PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
REVISED MAY 2015
PCM5102APWG4 TI2-PCM5102APWG4 Datasheet
1Mb / 44P
PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
REVISED MAY 2015
More results

Similar Description - PCM5102APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5100 TI1-PCM5100 Datasheet
795Kb / 31P
2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
384kHz PCM Interface
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
24-bit 192kHz Stereo DAC with 2Vrms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com