Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM5102APW Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5102APW
Description  2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5102APW Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM5102APW Datasheet HTML 11Page - Texas Instruments PCM5102APW Datasheet HTML 12Page - Texas Instruments PCM5102APW Datasheet HTML 13Page - Texas Instruments PCM5102APW Datasheet HTML 14Page - Texas Instruments PCM5102APW Datasheet HTML 15Page - Texas Instruments PCM5102APW Datasheet HTML 16Page - Texas Instruments PCM5102APW Datasheet HTML 17Page - Texas Instruments PCM5102APW Datasheet HTML 18Page - Texas Instruments PCM5102APW Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
−120
−100
−80
−60
−40
−20
0
0
1
2
3
4
Frequency (x fS)
G012
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
350
400
Samples
G023
PCM5100A, PCM5101A, PCM5102A
www.ti.com
SLAS859 – MAY 2012
Function Descriptions
Interpolation Filter
The PCM510xA provides 2 types of interpolation filter. Users can select which filter to use by using the FLT pin
(pin11)
Table 8. Digital Interpolation Filter Options
FLT Pin
Description
0
FIR Normal x8/x4/x2/x1 Interpolation Filters
1
IIR Low Latency x8/x4/x2/x1 Interpolation Filters
The Normal x8/x4/x2/x1(bypass) Interpolation filter is programmed in 256 cycles in 1 sampling frequency (fS) for
from 8kHz to 384kHz.
Table 9. Normal x8 Interpolation Filter
Parameter
Condition
Value (Typ)
Value (Max)
Units
Filter Gain Pass Band
0 ……. 0.45fS
±0.02
dB
Filter Gain Stop Band
0.55fS ….. 7.455fS
–60
dB
Filter Group Delay
22tS
s
space
Figure 17. Normal x8 Interpolation Filter Frequency
Figure 18. Normal x8 Interpolation Filter Impulse
Response
Response
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): PCM5100A PCM5101A PCM5102A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com