Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08T255W Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255W
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255W Datasheet(HTML) 3 Page - Texas Instruments

  PTH08T255W Datasheet HTML 1Page - Texas Instruments PTH08T255W Datasheet HTML 2Page - Texas Instruments PTH08T255W Datasheet HTML 3Page - Texas Instruments PTH08T255W Datasheet HTML 4Page - Texas Instruments PTH08T255W Datasheet HTML 5Page - Texas Instruments PTH08T255W Datasheet HTML 6Page - Texas Instruments PTH08T255W Datasheet HTML 7Page - Texas Instruments PTH08T255W Datasheet HTML 8Page - Texas Instruments PTH08T255W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
DATASHEET TABLE OF CONTENTS
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
PTH08T255W
www.ti.com ........................................................................................................................................................................................... SLTS290 – NOVEMBER 2008
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
DATASHEET SECTION
PAGE NUMBER
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
3
ELECTRICAL CHARACTERISTICS TABLE (PTH08T255W)
4
TERMINAL FUNCTIONS
6
TYPICAL CHARACTERISTICS (VI = 12V)
7
ADJUSTING THE OUTPUT VOLTAGE
8
INPUT & OUTPUT CAPACITOR RECOMMENDATIONS
9
TURBOTRANS™ INFORMATION
13
SOFT-START POWER-UP
17
REMOTE SENSE
17
OUTPUT INHIBIT
18
OVERCURRENT PROTECTION
18
OVER-TEMPERATURE PROTECTION
18
SYCHRONIZATION (SMARTSYNC)
19
AUTO-TRACK SEQUENCING
20
UNDERVOLTAGE LOCKOUT (UVLO)
23
CURRENT SHARING
24
CURRENT SHARING SOA GRAPHS
26
CURRENT SHARING LAYOUT
27
PREBIAS START-UP
27
TAPE & REEL AND SHIPPING TRAY DRAWING
29
(Voltages are with respect to GND)
UNIT
Vtrack
Track pin voltage
–0.3 to VI + 0.3
V
TA
Operating temperature range Over VI range
–40 to 85
Surface temperature of module body or pins
Twave
Wave soldering temperature
AD suffix
260
(5 seconds maximum)
AS suffix
235(1)
°C
Treflow
Solder reflow temperature
Surface temperature of module body or pins
AZ suffix
260(1)
Tstg
Storage temperature
Storage temperature of module removed from shipping package
–55 to 125
Tpkg
Packaging temperature
Shipping Tray or Tape and Reel storage or bake temperature
45
Mechanical shock
Per Mil-STD-883D, Method 2002.3 1 msec, 1/2
AD suffix
500
sine, mounted
AS and AZ suffix
125
G
Mechanical vibration
Mil-STD-883D, Method 2007.2 20-2000 Hz
20
Weight
16.7
grams
Flammability
Meets UL94V-O
(1)
During reflow of surface mount package version do not elevate peak temperature of the module, pins or internal components above the
stated maximum.
Copyright © 2008, Texas Instruments Incorporated
3
Product Folder Link(s): PTH08T255W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com