Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08T255W Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255W
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255W Datasheet(HTML) 4 Page - Texas Instruments

  PTH08T255W Datasheet HTML 1Page - Texas Instruments PTH08T255W Datasheet HTML 2Page - Texas Instruments PTH08T255W Datasheet HTML 3Page - Texas Instruments PTH08T255W Datasheet HTML 4Page - Texas Instruments PTH08T255W Datasheet HTML 5Page - Texas Instruments PTH08T255W Datasheet HTML 6Page - Texas Instruments PTH08T255W Datasheet HTML 7Page - Texas Instruments PTH08T255W Datasheet HTML 8Page - Texas Instruments PTH08T255W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ELECTRICAL CHARACTERISTICS
PTH08T255W
SLTS290 – NOVEMBER 2008 ........................................................................................................................................................................................... www.ti.com
PTH08T255W
TA = 25°C, VI = 12 V, VO = 3.3 V, CI = 1000 µF, CO = 1000 µF, and IO = IO max (unless otherwise stated)
PARAMETER
TEST CONDITIONS
PTH08T255W
UNIT
MIN
TYP
MAX
25°C, natural convection
0
40
IO
Output current
Over VO range
A
60°C, 200 LFM
0
40
VI
Input voltage range
Over IO and VO range
8.0
14
V
VOADJ
Output voltage adjust range
Over IO range
3.0
5.25
V
Set-point voltage tolerance
±0.5
±1 (1)
%Vo
Temperature variation
–40°C < TA < 85°C
±0.3
%Vo
VO
Line regulaltion
Over VI range
±5
mV
Load regulation
Over IO range
±5
mV
Total output variation
Includes set-point, line, load, –40°C
≤ TA ≤ 85°C
±1.5 (1)
%Vo
RSET = 1.36 kΩ, VO = 5.0 V
95%
η
Efficiency
IO = 30 A
RSET = 34.5 kΩ, VO = 3.3 V
94%
VO Ripple (peak-to-peak)
20-MHz bandwidth
20
mVPP
ILIM
Overcurrent threshold
Reset, followed by auto-recovery
80
A
ttr
Recovery time
200
µs
w/o TurboTrans
CO= 1000 µF, TypeC
ΔVtr
VO over/undershoot
135
mV
2.5 A/µs load step
Transient response
50 to 100% IOmax
ttrTT
w/ TurboTrans
Recovery time
400
µs
CO= 5000 µF, TypeC
mV
ΔVtrTT
VO over/undershoot
35
RTT = short
IIL
Track input current (pin 20)
Pin to GND
–130(2)
µA
dVtrack/dt
Track slew rate capability
CO ≤ CO (max)
1
V/ms
VI increasing, RUVLO = OPEN
7.2
8.0
Adjustable Under-voltage lockout
UVLOADJ
VI decreasing, RUVLO = OPEN
6.7
V
(pin 21)
Hysteresis
0.5
Input high voltage (VIH)
Open(3)
V
Inhibit control (pin 21)
Input low voltage (VIL)
-0.2
0.6
Input low current (IIL ), Pin 21 to GND
-125
µA
Iin
Input standby current
Inhibit (pin 21) to GND, Track (pin 20) open
35
mA
f s
Switching frequency
Over VI and IO ranges, SmartSync (pin 22) to GND
600 (4)
kHz
fSYNC
Synchronization frequency applied to pin 22
240 (4)
400 (4)
kHz
VSYNCH
SYNC High-Level Input Voltage
2.0
5.5
V
Synchronization (SYNC)
control (pin 22)
VSYNCL
SYNC Low-Level Input Voltage
0.8
V
tSYNC
SYNC Minimum Pulse Width
200
nSec
Nonceramic
1000 (5)
CI
External input capacitance
µF
Ceramic
22
(1)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with 100 ppm/C or better temperature stability.
(2)
A low-leakage (<100 nA), open-drain device, such as MOSFET or voltage supervisor IC, is recommended to control pin 20. When using
this feature, a 100k
Ω pull-up resistor to VI is required. If unused, this pin must be directly connected to VI. See the Auto-Track section of
the datasheet for more information.
(3)
Do not place an external pull-up on this pin. If it is left open-circuit, the module operates when input power is applied. A small,
low-leakage (<100 nA) MOSFET is recommended for control. For additional information, see the On/Off Inhibit section of the datasheet.
(4)
The PTH08T255W is a two-phase power module. Each phase switches at 300kHz typical, 180° out of phase from one another. The
over-all switching frequency is 600 kHz typical. SmartSync controls the frequency of an individual phase.
(5)
A 1000 µF electrolytic input capacitor is required for proper operation. The input capacitor must be rated for a minimum of 750 mA rms
of ripple current.
4
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PTH08T255W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com