Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08T255W Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255W
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255W Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTH08T255W Datasheet HTML 3Page - Texas Instruments PTH08T255W Datasheet HTML 4Page - Texas Instruments PTH08T255W Datasheet HTML 5Page - Texas Instruments PTH08T255W Datasheet HTML 6Page - Texas Instruments PTH08T255W Datasheet HTML 7Page - Texas Instruments PTH08T255W Datasheet HTML 8Page - Texas Instruments PTH08T255W Datasheet HTML 9Page - Texas Instruments PTH08T255W Datasheet HTML 10Page - Texas Instruments PTH08T255W Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
TYPICAL CHARACTERISTICS(1)(2)
CHARACTERISTIC DATA ( VI = 12 V)
65
50
55
70
60
95
80
100
0
40
30
20
10
I
O
– Ouput Current – A
5.0
3.3
V
O
(V)
75
85
90
5.0 V
3.3 V
4
5
7
6
9
8
10
0
40
30
20
10
I
O
– Ouput Current – A
5.0 V
3.3 V
5.0
3.3
V
O
(V)
2
0
4
8
10
6
5.0
3.3
V
O
(V)
5.0 V
3.3 V
0
40
30
20
10
I
O
– Ouput Current – A
20
60
70
90
30
40
50
80
Natural
Convection
0
40
30
20
10
I
O
– Ouput Current – A
400 LFM
200 LFM
100 LFM
V
O
= 3.3 V
400 LFM
200 LFM
100 LFM
Nat conv
20
60
70
90
30
40
50
80
Natural
Convection
0
40
30
20
10
I
O
– Ouput Current – A
400 LFM
200 LFM
100 LFM
V
O
= 5 V
400 LFM
200 LFM
100 LFM
Nat conv
PTH08T255W
www.ti.com ........................................................................................................................................................................................... SLTS290 – NOVEMBER 2008
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 1.
Figure 2.
Figure 3.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 4.
Figure 5.
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100 mm × 100 mm double-sided PCB with 2 oz. copper
and the direction of airflow from pin 10 to pin 22. For surface mount packages (AS and AZ suffix), multiple vias must be utilized. Please
refer to the mechanical specification for more information. Applies to Figure 4 and Figure 5.
Copyright © 2008, Texas Instruments Incorporated
7
Product Folder Link(s): PTH08T255W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com