Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS261BPAGR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS261BPAGR
Description  TWO-PORT HDMI SWITCH
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS261BPAGR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMDS261BPAGR Datasheet HTML 25Page - Texas Instruments TMDS261BPAGR Datasheet HTML 26Page - Texas Instruments TMDS261BPAGR Datasheet HTML 27Page - Texas Instruments TMDS261BPAGR Datasheet HTML 28Page - Texas Instruments TMDS261BPAGR Datasheet HTML 29Page - Texas Instruments TMDS261BPAGR Datasheet HTML 30Page - Texas Instruments TMDS261BPAGR Datasheet HTML 31Page - Texas Instruments TMDS261BPAGR Datasheet HTML 32Page - Texas Instruments TMDS261BPAGR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
RSCL
RSDA
9thClockPulse- AcknowledgeFromSlave
TSCL
TSDA
9thClockPulse- AcknowledgeFromSlave
V
OL
OfSlave
V
OL
OfDriver T
up(min)
DD
R
V
/ Isink
=
t
k
RC
=
´
(
)
t/RC
DD
V(t)
V
1 e
-
=
-
TMDS261B
www.ti.com
SLLS987A
– SEPTEMBER 2009 – REVISED JULY 2011
Figure 43 illustrates the waveforms seen on the R-side I2C-bus when the master writes to the slave through the
I2C repeater circuit of the TMDS261B. This looks like a normal I2C transmission, and the turnon and turnoff of the
acknowledge signals are slightly delayed.
Figure 43. Bus-R Waveform
Figure 44 illustrates the waveforms seen on the T-side I2C-bus under the same operation as in Figure 43. On the
T-side of the I2C repeater, the clock and data lines would have a positive offset from ground equal to the VOL of
the driver T. After the eighth clock pulse, the data line is pulled to the VOL of the slave device, which is very close
to ground in this example. At the end of the acknowledge, the slave device releases and the bus level rises back
to the VOL set by the driver until the R-side rises above VCC/2, after which it continues to be high. It is important
to note that any arbitration or clock-stretching events require that the low level on the T-side bus at the input of
the TMDS261B I2C repeater is below 0.4 V to be recognized by the device and then transmitted to the R-side I2C
bus.
Figure 44. Bus-T Waveform
I
2C Pullup Resistors
The pullup resistor value is determined by two requirements:
1. The maximum sink current of the I2C buffer:
The maximum sink current is 3 mA or slightly higher for an I2C driver supporting standard-mode I2C
operation.
(1)
2. The maximum transition time on the bus:
The maximum transition time, T, of an I2C bus is set by an RC time constant, where R is the pullup resistor
value and C is the total load capacitance. The parameter, k, can be calculated from Equation 3 by solving for
t, the times at which certain voltage thresholds are reached. Different input threshold combinations introduce
different values of t. Table 4 summarizes the possible values of k under different threshold combinations.
(2)
(3)
Table 4. Value of k for Different Input Threshold Voltages
Vth–\Vth+
0.7 VDD
0.65 VDD
0.6 VDD
0.55 VDD
0.5 VDD
0.45 VDD
0.4 VDD
0.35 VDD
0.3 VDD
0.1 VDD
1.0986
0.9445
0.8109
0.6931
0.5878
0.4925
0.4055
0.3254
0.2513
0.15 VDD
1.0415
0.8873
0.7538
0.6360
0.5306
0.4353
0.3483
0.2683
0.1942
0.2 VDD
0.9808
0.8267
0.6931
0.5754
0.4700
0.3747
0.2877
0.2076
0.1335
Copyright
© 2009–2011, Texas Instruments Incorporated
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com