Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS261BPAGR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS261BPAGR
Description  TWO-PORT HDMI SWITCH
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS261BPAGR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMDS261BPAGR Datasheet HTML 8Page - Texas Instruments TMDS261BPAGR Datasheet HTML 9Page - Texas Instruments TMDS261BPAGR Datasheet HTML 10Page - Texas Instruments TMDS261BPAGR Datasheet HTML 11Page - Texas Instruments TMDS261BPAGR Datasheet HTML 12Page - Texas Instruments TMDS261BPAGR Datasheet HTML 13Page - Texas Instruments TMDS261BPAGR Datasheet HTML 14Page - Texas Instruments TMDS261BPAGR Datasheet HTML 15Page - Texas Instruments TMDS261BPAGR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
TMDS261B
SLLS987A
– SEPTEMBER 2009 – REVISED JULY 2011
www.ti.com
TMDS DDC and Local I
2C Pins
DDC I2C Buffer or Repeater: The TMDS261B provides buffering on the DDC I2C interface for each of the input
ports connected. This feature isolates the capacitance on the source side from the sink side and thus helps in
passing system-level compliance. See the DDC I2C Function Description section for a detailed description on
how the DDC I2C buffer operates. Note that a key requirement on the sink side is that the VIL(Sink) (input to
TMDS261B) should be less than 0.4 V. This requirement should be met for the DDC I2C buffer to function
properly. There are three settings of VIL(Sink) and VOL(Sink) that can be chosen based on OVS settings (See Table 8
through Table 11).
Local I2C Interface: The TMDS261B includes a slave I2C interface to control device features like TMDS input
port selection, TMDS output edge-rate control, power management, DDC buffer OVS settings, etc. See Table 8
through Table 11.
The TMDS261B is designed to be controlled via a local I2C interface or GPIO interface, based on the status of
the I2C_SEL pin. The local I2C interface in the TMDS261B is only a slave I2C interface. See the I2C INTERFACE
NOTES section for a detailed description of I2C functionality.
ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IL
Low-level input current
VCC = 3.6 V, VI = 0 V
–10
10
μA
Ilkg(Sink)
Input leakage current
Sink pins
VCC = 3.6 V, VI = 4.95 V
–10
10
μA
CIO(Sink)
Input/output capacitance
Sink pins
DC bias = 2.5 V, ac = 3.5 Vp-p, f = 100 kHz
15
pF
VIH(Sink)
High-level input voltage
Sink pins
2.1
5.5
V
VIL1(Sink)
Low-level input voltage
Sink pins
OVS 1
–0.2
0.4
V
VOL1(Sink)
Low-level output voltage
Sink pins
IO = 3 mA, OVS = HIGH
0.6
0.7
V
VIL2(Sink)
Low-level input voltage
Sink pins
OVS 2
–0.2
0.4
V
VOL2(Sink)
Low-level output voltage
Sink pins
IO = 3 mA, OVS = LOW
0.5
0.6
V
VIL3(Sink)
Low-level input voltage
Sink pins
OVS 3
–0.2
0.3
V
VOL3(Sink)
Low-level output voltage
Sink pins
IO = 3 mA, OVS = high-Z
0.4
0.5
V
Ilkg(I2C)
Input leakage current
Port[1:2] pins
VCC = 3.6 V, VI = 4.95 V
–10
10
μA
CIO(I2C)
Input/output capacitance
Port[1:2] pins
DC bias = 2.5 V, ac = 3.5 Vp-p, f = 100 kHz
15
pF
VIH(I2C)
High-level input voltage
Port[1:2] pins
2.1
5.5
V
VIL(I2C)
Low-level input voltage
Port[1:2] pins
–0.2
1.5
V
VOL(I2C)
Low-level output voltage
Port[1:2] pins
IO = 3 mA
0.2
V
12
Copyright
© 2009–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com