Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54821 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54821
Description  4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54821 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 18Page - Texas Instruments TPS54821 Datasheet HTML 19Page - Texas Instruments TPS54821 Datasheet HTML 20Page - Texas Instruments TPS54821 Datasheet HTML 21Page - Texas Instruments TPS54821 Datasheet HTML 22Page - Texas Instruments TPS54821 Datasheet HTML 23Page - Texas Instruments TPS54821 Datasheet HTML 24Page - Texas Instruments TPS54821 Datasheet HTML 25Page - Texas Instruments TPS54821 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
1
1
8
f
>
×
×
Co
Voripple
sw
Iripple
<
Voripple
Resr
Iripple
(
)
12
f
×
-
=
×
×
×
Vout
Vinmax
Vout
Icorms
Vinmax L1
sw
(
)
-
=
×
×
Vinmin
Vout
Vout
Icirms
Iout
Vinmin
Vinmin
0.25
f
×
D
=
×
Ioutmax
Vin
Cin
sw
TPS54821
SLVSB14
– OCTOBER 2011
www.ti.com
Where
ΔIout is the change in output current, Fsw is the regulators switching frequency and ΔVout is the
allowable change in the output voltage. For this example, the transient load response is specified as a 7%
change in Vout for a load step of 4 A. For this example,
ΔIout = 4 A and ΔVout = 0.07 x 3.3 = 0.231 V. Using
these numbers gives a minimum capacitance of 72.2
μF. This value does not take the ESR of the output
capacitor into account in the output voltage change. For ceramic capacitors, the ESR is usually small enough to
ignore in this calculation.
Equation 23 calculates the minimum output capacitance needed to meet the output voltage ripple specification.
Where fsw is the switching frequency, Vripple is the maximum allowable output voltage ripple, and Iripple is the
inductor ripple current. In this case, the maximum output voltage ripple is 33mV. Under this requirement,
Equation 23 yields 14.6
µF.
(23)
Equation 24 calculates the maximum ESR an output capacitor can have to meet the output voltage ripple
specification. Equation 24 indicates the ESR should be less than 17.9 m
Ω. In this case, the ceramic caps’ ESR is
much smaller than 17.9 m
Ω.
(24)
Additional capacitance de-ratings for aging, temperature and DC bias should be factored in which increases this
minimum value. For this example, 2 x 47
μF 10 V X5R ceramic capacitor with 3 mΩ of ESR are used. Capacitors
generally have limits to the amount of ripple current they can handle without failing or producing excess heat. An
output capacitor that can support the inductor ripple current must be specified. Some capacitor data sheets
specify the RMS (Root Mean Square) value of the maximum ripple current. Equation 25 can be used to calculate
the RMS ripple current the output capacitor needs to support. For this application, Equation 25 yields 485mA.
(25)
Input Capacitor Selection
The TPS54821 requires a high quality ceramic, type X5R or X7R, input decoupling capacitor of at least 4.7
µF of
effective capacitance on the PVIN input voltage pins and 4.7
µF on the Vin input voltage pin. In some
applications additional bulk capacitance may also be required for the PVIN input. The effective capacitance
includes any DC bias effects. The voltage rating of the input capacitor must be greater than the maximum input
voltage. The capacitor must also have a ripple current rating greater than the maximum input current ripple of the
TPS54821. The input ripple current can be calculated using Equation 26.
(26)
The value of a ceramic capacitor varies significantly over temperature and the amount of DC bias applied to the
capacitor. The capacitance variations due to temperature can be minimized by selecting a dielectric material that
is stable over temperature. X5R and X7R ceramic dielectrics are usually selected for power regulator capacitors
because they have a high capacitance to volume ratio and are fairly stable over temperature. The output
capacitor must also be selected with the DC bias taken into account. The capacitance value of a capacitor
decreases as the DC bias across a capacitor increases. For this example design, a ceramic capacitor with at
least a 25 V voltage rating is required to support the maximum input voltage. For this example, one 10
μF and
one 4.7
µF 25 V capacitors in parallel have been selected as the VIN and PVIN inputs are tied together so the
TPS54821 may operate from a single supply. The input capacitance value determines the input ripple voltage of
the regulator. The input voltage ripple can be calculated using Equation 27. Using the design example values,
Ioutmax = 8 A, Cin = 14.7
μF, Fsw=480 kHz, yields an input voltage ripple of 417 mV and a RMS input ripple
current of 3.94 A.
(27)
22
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS54821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com