Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54821 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54821
Description  4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54821 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 8Page - Texas Instruments TPS54821 Datasheet HTML 9Page - Texas Instruments TPS54821 Datasheet HTML 10Page - Texas Instruments TPS54821 Datasheet HTML 11Page - Texas Instruments TPS54821 Datasheet HTML 12Page - Texas Instruments TPS54821 Datasheet HTML 13Page - Texas Instruments TPS54821 Datasheet HTML 14Page - Texas Instruments TPS54821 Datasheet HTML 15Page - Texas Instruments TPS54821 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
EN
ip
ih
VIN
TPS54821
R 1
R 2
EN
ip
ih
PVIN
TPS54821
R 1
R 2
EN
ip
ih
VIN
TPS54821
R 1
R 2
1
æ
ö
-
ç
÷
è
ø
æ
ö
-
+
ç
÷
è
ø
ENFALLING
START
STOP
ENRISING
ENFALLING
p
h
ENRISING
V
V
V
V
R1 =
V
I
I
V
(
)
´
-
+
+
ENFALLING
STOP
ENFALLING
p
h
R1 V
R2 =
V
V
R1 I
I
TPS54821
SLVSB14
– OCTOBER 2011
www.ti.com
If an application requires either a higher UVLO threshold on the VIN pin or a secondary UVLO on the PVIN, in
split rail applications, then the EN pin can be configured as shown in Figure 17, Figure 18 and Figure 19. When
using the external UVLO function it is recommended to set the hysteresis to be greater than 500mV.
The EN pin has a small pull-up current Ip which sets the default state of the pin to enable when no external
components are connected. The pull-up current is also used to control the voltage hysteresis for the UVLO
function since it increases by Ih once the EN pin crosses the enable threshold. The UVLO thresholds can be
calculated using Equation 2 and Equation 3.
Figure 17. Adjustable VIN Undervoltage Lock Out
Figure 18. Adjustable PVIN Undervoltage Lock Out, VIN
≥ 4.5V
Figure 19. Adjustable VIN and PVIN Undervoltage Lock Out
(2)
(3)
12
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS54821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com