Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54821 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54821
Description  4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54821 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 19Page - Texas Instruments TPS54821 Datasheet HTML 20Page - Texas Instruments TPS54821 Datasheet HTML 21Page - Texas Instruments TPS54821 Datasheet HTML 22Page - Texas Instruments TPS54821 Datasheet HTML 23Page - Texas Instruments TPS54821 Datasheet HTML 24Page - Texas Instruments TPS54821 Datasheet HTML 25Page - Texas Instruments TPS54821 Datasheet HTML 26Page - Texas Instruments TPS54821 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
(
)
(
)
( )
m
×
=
Tss ms Iss
A
C6(nF)
Vref V
×
-
REF
OUT
REF
R7 V
R8 =
V
V
(
)
(
)
(
)
Voutmin
Ontimemin Fsmax Vinmax
Ioutmin RDS2min
RDS1min
Ioutmin RL
RDS2min
=
×
+
-
-
+
TPS54821
www.ti.com
SLVSB14
– OCTOBER 2011
Slow Start Capacitor Selection
The slow start capacitor determines the minimum amount of time it takes for the output voltage to reach its
nominal programmed value during power up. This is useful if a load requires a controlled voltage slew rate. This
is also used if the output capacitance is very large and would require large amounts of current to quickly charge
the capacitor to the output voltage level. The large currents necessary to charge the capacitor may make the
TPS54821 reach the current limit or excessive current draw from the input power supply may cause the input
voltage rail to sag. Limiting the output voltage slew rate solves both of these problems. The soft start capacitor
value can be calculated using Equation 28. For the example circuit, the soft start time is not too critical since the
output capacitor value is 2 x 47
μF which does not require much current to charge to 3.3 V. The example circuit
has the soft start time set to an arbitrary value of 6 ms which requires a 22 nF capacitor. In TPS54821, Iss is 2.3
uA and Vref is 0.6V.
(28)
Bootstrap Capacitor Selection
A 0.1
µF ceramic capacitor must be connected between the BOOT to PH pin for proper operation. It is
recommended to use a ceramic capacitor with X5R or better grade dielectric. The capacitor should have 10V or
higher voltage rating.
Under Voltage Lockout Set Point
The Under Voltage Lock Out (UVLO) can be adjusted using the external voltage divider network of R3 and R4.
R3 is connected between VIN and the EN pin of the TPS54821 and R4 is connected between EN and GND .
The UVLO has two thresholds, one for power up when the input voltage is rising and one for power down or
brown outs when the input voltage is falling. For the example design, the supply should turn on and start
switching once the input voltage increases above 6.528V (UVLO start or enable). After the regulator starts
switching, it should continue to do so until the input voltage falls below 6.190 V (UVLO stop or disable).
Equation 2 and Equation 3 can be used to calculate the values for the upper and lower resistor values. For the
stop voltages specified the nearest standard resistor value for R3 is 35.7 k
Ω and for R4 is 8.06 kΩ.
Output Voltage Feedback Resistor Selection
The resistor divider network R7 and R8 is used to set the output voltage. For the example design, 10 k
Ω was
selected for R7. Using Equation 29, R8 is calculated as 2.22 k
Ω. The nearest standard 1% resistor is 2.21 kΩ.
(29)
Minimum Output Voltage
Due to the internal design of the TPS54821, there is a minimum output voltage limit for any given input voltage.
The output voltage can never be lower than the internal voltage reference of 0.6 V. Above 0.6 V, the output
voltage may be limited by the minimum controllable on time. The minimum output voltage in this case is given by
Equation 30
Where:
Voutmin = minimum achievable output voltage
Ontimemin = minimum controllable on-time (135 nsec maximum)
Fsmax = maximum switching frequency including tolerance
Vinmax = maximum input voltage
Ioutmin = minimum load current
RDS1min = minimum high side MOSFET on resistance (36-32 m
Ω typical)
RDS2min = minimum low side MOSFET on resistance (19 m
Ω typical)
RL = series resistance of output inductor
(30)
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s) :TPS54821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com