Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7320 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 71Page - Texas Instruments TUSB7320 Datasheet HTML 72Page - Texas Instruments TUSB7320 Datasheet HTML 73Page - Texas Instruments TUSB7320 Datasheet HTML 74Page - Texas Instruments TUSB7320 Datasheet HTML 75Page - Texas Instruments TUSB7320 Datasheet HTML 76Page - Texas Instruments TUSB7320 Datasheet HTML 77Page - Texas Instruments TUSB7320 Datasheet HTML 78Page - Texas Instruments TUSB7320 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
6.2.2
Host Controller Interface Version Number
This read only register indicates the xHCI specification revision number supported by the TUSB73X0.
BAR0 register offset: 02h
Register type:Read-Only
Default value: 0096h
Table 6-4. HC Capability Register 02h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
1
0
0
1
0
1
1
0
State
6.2.3
Host Controller Structural Parameters 1
This read only register defines basic structural parameters supported by the TUSB73X0.
BAR0 register offset: 04h
Register type:Read-Only
Default value: 0800 0840h
Table 6-5. HC Capability Register 04h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
1
0
0
0
0
1
0
0
0
0
0
0
State
Table 6-6. HC Structural Parameters 1 Description
Bit
Field Name
Access
Description
Number of Ports. For the TUSB7340, this field is 08h to indicate that 8
ports are supported. For the TUSB7320, this field is 04h to indicate that 4
31:24
MAX_PORTS
r
ports are supported. This field also indicates the number of sets of port
registers that are addressable in the Operational Register Space.
23:19
RSVD
r
Reserved. Returns zeros when read.
Number of Interrupters. This field specifies the number of Interrupters
18:8
MAX_INTRS
r
that are implemented. The TUSB73x0 implements 8 Interrupters. Each
Interrupter is allocated to a vector of MSI-X.
Number of Device Slots. This field specifies the maximum number of
7:0
MAX_SLOTS
r
Device Context Structures and Doorbell Array entries that are supported.
The TUSB73x0 supports 64 Device Slots.
Copyright © 2011–2012, Texas Instruments Incorporated
xHCI MEMORY MAPPED REGISTER SPACE
75
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com