Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7320 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 7Page - Texas Instruments TUSB7320 Datasheet HTML 8Page - Texas Instruments TUSB7320 Datasheet HTML 9Page - Texas Instruments TUSB7320 Datasheet HTML 10Page - Texas Instruments TUSB7320 Datasheet HTML 11Page - Texas Instruments TUSB7320 Datasheet HTML 12Page - Texas Instruments TUSB7320 Datasheet HTML 13Page - Texas Instruments TUSB7320 Datasheet HTML 14Page - Texas Instruments TUSB7320 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
6-55
xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 00h)
........................................ 92
6-56
USB Legacy Support Capability Register Description
....................................................................... 92
6-57
xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 04h)
........................................ 92
6-58
USB Legacy Support Control/Status Register Description
................................................................. 92
6-59
xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 10h)
........................................ 93
6-60
xHCI Supported Protocol Capability Register (USB 2.0) Description
..................................................... 93
6-61
xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 14h)
........................................ 94
6-62
xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 18h)
........................................ 94
6-63
xHCI Supported Protocol Capability Register (USB 2.0) Description
..................................................... 94
6-64
xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 20h)
........................................ 95
6-65
xHCI Supported Protocol Capability Register (USB 3.0) Description
..................................................... 95
6-66
xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 24h)
........................................ 95
6-67
xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 28h)
........................................ 96
6-68
xHCI Supported Protocol Capability Register (USB 3.0) Description
..................................................... 96
7-1
MSI-X Table and PBA Register Map
.......................................................................................... 97
8-1
Differential Output Swing
........................................................................................................ 98
8-2
Differential Output De-Emphasis
............................................................................................... 99
8-3
Receiver Equalizer Configuration
............................................................................................. 100
9-1
Input Clock Specification
....................................................................................................... 102
9-2
Input Clock 1.8-V DC Characteristics
........................................................................................ 102
9-3
Crystal Specification
............................................................................................................ 102
10-1
PCI Express Link Power Management States
.............................................................................. 103
10-2
PCI Express Power Management D-States
................................................................................. 103
10-3
PME Support
.................................................................................................................... 104
Copyright © 2011–2012, Texas Instruments Incorporated
List of Tables
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com