Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-MOD-RF-T Datasheet(PDF) 21 Page - Silicon Laboratories

Part # EM357-MOD-RF-T
Description  EM35x Development Kit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-MOD-RF-T Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button EM357-MOD-RF-T Datasheet HTML 17Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 18Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 19Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 20Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 21Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 22Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 23Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 24Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
4-1
EM35x Development Kit User Guide
120-4030-000E
4 Setting Up Hardware Components
4.1
Overview
This chapter contains the following sections:
•
ETRX3 Radio Communications Module (RCM)
•
Hardware Connections
•
Connecting the Breakout Board and RCM
•
Breakout Board Power Configurations
•
Breakout Board Serial Configurations
•
Common Hardware Configurations
•
Connecting the RF Cable to the RCM
4.2
ETRX3 Radio Communications Module (RCM)
The EM35x Series Development Kit contains various types of ETRX3 Radio Communications Modules (designed by
Silicon Labs’ partner, Telegesis). These modules contain either the EM357 or EM351 IC and are configured to use
either the ceramic antenna or the on-board RF connector (U.FL). Some module variants also include a power
amplifier. These configuration options are noted in the Module Product Label, as shown the example label in
Figure 4-1. The top line contains the Silicon Labs Part Number, while the bottom line contains the Module Serial
Number. The Module Serial Number is also listed in the Hardware Identification List attached to your Quick Start
Guide. You can determine the EUI-64 of each module based on this list.
Figure 4-1. Module Product Serial Number Label
The modules shipped already installed on Breakout Boards are module variant EM357-MOD-ANT-T. All other
module variants are contained in the Module Variety Pack. Refer to Table 4-1 for configuration comparisons of
the modules included in your development kit. There are three additional EM351 module variants not included
in the development kit that are available for purchase. Contact your sales representative or distributor for more
details on these module variants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com