Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-MOD-RF-T Datasheet(PDF) 24 Page - Silicon Laboratories

Part # EM357-MOD-RF-T
Description  EM35x Development Kit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-MOD-RF-T Datasheet(HTML) 24 Page - Silicon Laboratories

Back Button EM357-MOD-RF-T Datasheet HTML 20Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 21Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 22Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 23Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 24Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 25Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 26Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 27Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 28Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
4-4
EM35x Development Kit User Guide
120-4030-000E
Figure 4-3. Breakout Board Power Supplied by USB
•
Breakout Board Power Supplied by DC Jumpers (Figure 4-4): The Breakout Board may also be
powered by an external power source that provides 4-20 volts DC. The power supply should be
connected to jumpers J1 (+ supply) and J32 (ground). The power supply jumper on the Breakout Board
should be in the lower vertical position, connecting V_REG to the center pin. The VIN LED will
illuminate when power is applied. When powering the Breakout Board in this way, ensure the power
switch on the InSight Adapter is in the EXT (External) position.
Figure 4-4. Breakout Board Power Supplied by DC Jumpers
•
Breakout Board Power Supplied by Battery Connector (Figure 4-5): Finally, the Breakout Board may
also be powered via the battery connector, using the supplied battery packs and 2x AAA batteries. The
power supply jumper should be in the upper vertical position, connecting V_BATT to the center pin.
The V_BAT LED will illuminate when power is applied. When powering the Breakout Board in this way,
ensure the power switch on the InSight Adapter is in the EXT (External) position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com