Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-MOD-RF-T Datasheet(PDF) 23 Page - Silicon Laboratories

Part # EM357-MOD-RF-T
Description  EM35x Development Kit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-MOD-RF-T Datasheet(HTML) 23 Page - Silicon Laboratories

Back Button EM357-MOD-RF-T Datasheet HTML 19Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 20Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 21Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 22Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 23Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 24Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 25Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 26Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 27Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
4-3
EM35x Development Kit User Guide
120-4030-000E
4.5
Breakout Board Power Configurations
The Breakout Board may be powered in one of four ways:
•
Breakout Board Power Supplied by ISA3 (Figure 4-2): The default configuration is to supply power via
the InSight Adapter and InSight Port cable. Ensure the power switch on the InSight Adapter is in the
INT (Internal) position. The power supply of the InSight Adapter is also controlled via the admin
interface. You may need to connect to the admin port of the ISA and issue the “power on” command.
No external power supply should be connected to the Breakout Board when supplying power from the
ISA. The power supply jumper on the Breakout Board should be in the horizontal position, connecting
V_ISA to the center pin. The V_ISA LED will illuminate when power is applied.
Figure 4-2. Breakout Board Power Supplied by ISA3
•
Breakout Board Power Supplied by USB (Figure 4-3): The Breakout Board may also be powered via the
USB connector, either using a USB cable plugged in to the USB power adapter included in the
development kit, or by connecting it to your PC. The power supply jumper on the Breakout Board
should be in the lower vertical position, connecting V_REG to the center pin. The V_USB LED will
illuminate when power is applied. When powering the Breakout Board in this way, ensure the power
switch on the InSight Adapter is in the EXT (External) position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com