Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2221 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 95 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 91Page - Texas Instruments XIO2221 Datasheet HTML 92Page - Texas Instruments XIO2221 Datasheet HTML 93Page - Texas Instruments XIO2221 Datasheet HTML 94Page - Texas Instruments XIO2221 Datasheet HTML 95Page - Texas Instruments XIO2221 Datasheet HTML 96Page - Texas Instruments XIO2221 Datasheet HTML 97Page - Texas Instruments XIO2221 Datasheet HTML 98Page - Texas Instruments XIO2221 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 196 page
background image
XIO2221
www.ti.com
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
5.4
Uncorrectable Error Mask Register
The uncorrectable error mask register controls the reporting of individual errors as they occur. When a
mask bit is set to 1b, the corresponding error status bit is not set, PCIe error messages are blocked, the
header log is not loaded, and the first error pointer is not updated. See Table 5-3 for a complete
description of the register contents.
PCIe extended register offset: 108h
Register type:
Read only, Read/Write
Default value:
0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5-3. Uncorrectable Error Mask Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:21
RSVD
R
Reserved. Returns 000 0000 0000b when read.
20(1)
UR_ERROR_MASK
RW
Unsupported request error mask
0 = Error condition is unmasked (default)..
1 = Error condition is masked.
19(1)
ECRC_ERROR_MASK
RW
Extended CRC error mask
0 = Error condition is unmasked (default).
1 = Error condition is masked.
18(1)
MAL_TLP_MASK
RW
Malformed TLP mask
0 = Error condition is unmasked (default).
1 = Error condition is masked.
17(1)
RX_OVERFLOW_MASK
RW
Receiver overflow mask
0 = Error condition is unmasked (default).
1 = Error condition is masked.
16(1)
UNXP_CPL_MASK
RW
Unexpected completion mask
0 = Error condition is unmasked (default).
1 = Error condition is masked.
15(1)
CPL_ABORT_MASK
RW
Completer abort mask
0 = Error condition is unmasked (default).
1 = Error condition is masked.
14(1)
CPL_TIMEOUT_MASK
RW
Completion time-out mask
0 = Error condition is unmasked (default).
1 = Error condition is masked.
13(1)
FC_ERROR_MASK
RW
Flow control error mask
0 = Error condition is unmasked (default).
1 = Error condition is masked.
12(1)
PSN_TLP_MASK
RW
Poisoned TLP mask
0 = Error condition is unmasked (default).
1 = Error condition is masked.
11:5
RSVD
R
Reserved. Returns 000 0000b when read.
4(1)
DLL_ERROR_MASK
RW
Data link protocol error mask
0 = Error condition is unmasked (default).
1 = Error condition is masked.
3:0
RSVD
R
Reserved. Returns 0h when read.
(1)
These bits shall only be reset by a fundamental reset (FRST). FRST is asserted (low) whenever PERST or GRST is asserted.
Copyright © 2009–2010, Texas Instruments Incorporated
PCIe Extended Configuration Space
95
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com