Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1525 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1525
Description  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1525 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1525 Datasheet HTML 8Page - STMicroelectronics UM1525 Datasheet HTML 9Page - STMicroelectronics UM1525 Datasheet HTML 10Page - STMicroelectronics UM1525 Datasheet HTML 11Page - STMicroelectronics UM1525 Datasheet HTML 12Page - STMicroelectronics UM1525 Datasheet HTML 13Page - STMicroelectronics UM1525 Datasheet HTML 14Page - STMicroelectronics UM1525 Datasheet HTML 15Page - STMicroelectronics UM1525 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Hardware and layout
UM1525
12/41
Doc ID 022910 Rev 2
4.1
STM32F051R8T6 microcontroller
This 32-bit low- and medium-density advanced ARM™ MCU with a high-performance ARM
Cortex™-M0 32-bit RISC core has 64 Kbytes Flash, 8 Kbytes RAM, RTC, timers, ADC,
DAC, comparators and communication interfaces.
Figure 5.
STM32F051R8T6 package
The STM32 F0 delivers 32-bit performance and STM32 DNA essentials into applications
typically addressed by 8- or 16-bit microcontrollers. It benefits from the combination of real-
time performance, low-power operation, advanced architecture and peripherals associated
to the STM32 ecosystem, which has made the STM32 a reference in the market. Now all
this is accessible for cost-sensitive applications. The STM32 F0 offers unparalleled flexibility
and scalability for home entertainment products, appliances, and industrial equipment.
This device provides the following benefits.
●
Superior code execution for better performance and excellent code efficiency for
reduced embedded memory usage
●
High-performance connectivity and advanced analog peripherals to support a wide
range of applications
●
Flexible clock options and low power modes with fast wake-up for low power
consumption
It has the following key features:
●
Core and operating conditions
–
ARM® Cortex™-M0 0.9 DMIPS/MHz up to 48 MHz
–
1.8/2.0 to 3.6 V supply range
●
High-performance connectivity
–
6 Mbit/s USART
–
18 Mbit/s SPI with 4- to 16-bit data frame
–
1 Mbit/s I²C fast-mode plus
–HDMI CEC
●
Enhanced control
–
1x 16-bit 3-phase PWM motor control timer
–
5x 16-bit PWM timers
–
1x 16-bit basic timer
–
1x 32-bit PWM timer
–
12 MHz I/O toggling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com