Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1525 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM1525
Description  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1525 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM1525 Datasheet HTML 14Page - STMicroelectronics UM1525 Datasheet HTML 15Page - STMicroelectronics UM1525 Datasheet HTML 16Page - STMicroelectronics UM1525 Datasheet HTML 17Page - STMicroelectronics UM1525 Datasheet HTML 18Page - STMicroelectronics UM1525 Datasheet HTML 19Page - STMicroelectronics UM1525 Datasheet HTML 20Page - STMicroelectronics UM1525 Datasheet HTML 21Page - STMicroelectronics UM1525 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Hardware and layout
UM1525
18/41
Doc ID 022910 Rev 2
4.7
OSC clock
4.7.1
OSC clock supply
PF0 and PF1 can be used as GPIO or as HSE oscillator. By default these I/Os are
configured as GPIO, so SB16 and SB17 are closed, SB18 is open and R22, R23, C13 and
C14 are not populated.
An external HSE clock can be provided to the MCU in three ways:
●
MCO from ST-LINK. From MCO of the STM32F103. This frequency cannot be
changed, it is fixed at 8 MHz and connected to PF0-OSC_IN of the STM32F051R8T6.
Configuration needed:
–
SB16, SB18 CLOSED
–R22, R23 removed
–
SB17 OPEN
●
Oscillator onboard. From X2 crystal (not provided). For typical frequencies and its
capacitors and resistors, please refer to the STM32F051R8T6 Datasheet.
Configuration needed:
–
SB16, SB17 SB18 OPEN
–
R22, R23, C13, C14 soldered
●
Oscillator from external PF0. From external oscillator through pin 7 of the P1
connector. Configuration needed:
–
SB16, SB17 CLOSED
–
SB18 OPEN
–
R22 and R23 removed
4.7.2
OSC 32 KHz clock supply
PC14 and PC15 can be used as GPIO or as LSE oscillator. By default these I/Os are
configured as GPIO, so SB20 & SB21 are closed and X3, R24, R25 are not populated.
An external LSE clock can be provided to the MCU in two ways:
●
Oscillator onboard. From X3 crystal (not provided). Configuration needed:
–
SB20, SB21 OPEN
–
C15, C16, R24 and R25 soldered.
●
Oscillator from external PC14. From external oscillator trough the pin 5 of P1
connector. Configuration needed:
–
SB20, SB21 CLOSED
–
R24 and R25 removed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com