Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1525 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1525
Description  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1525 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1525 Datasheet HTML 29Page - STMicroelectronics UM1525 Datasheet HTML 30Page - STMicroelectronics UM1525 Datasheet HTML 31Page - STMicroelectronics UM1525 Datasheet HTML 32Page - STMicroelectronics UM1525 Datasheet HTML 33Page - STMicroelectronics UM1525 Datasheet HTML 34Page - STMicroelectronics UM1525 Datasheet HTML 35Page - STMicroelectronics UM1525 Datasheet HTML 36Page - STMicroelectronics UM1525 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
UM1525
Connecting modules on the prototyping board
Doc ID 022910 Rev 2
33/41
5.3
Arduino shield boards
Arduino™ is an open-source electronics prototyping platform based on flexible, easy-to-use
hardware and software. See http://www.arduino.cc for more information.
Arduino accessory boards are called “Shields” and can be easily connected to the
STM32F0 Discovery according to the following table.
Table 11.
Connecting with Arduino shields
Connecting with Arduino shields
Arduino power connector
STM32F0DISCOVERY
Reset
Reset from Shield board
NRST
Reset discovery
3V3
VCC 3.3V power line
3V
VDD
5V
VCC 5V power line
5V
VDD
GND
Reference Ground
GND
Reference Ground
GND
Reference Ground
GND
Reference Ground
Vin
External alimentation
VBAT
Jumper to fit
Arduino analog in connector
STM32F0DISCOVERY
A0
Analog input or Digital pin 14
PC0
ADC_IN10
A1
Analog input or Digital pin 15
PC1
ADC_IN11
A2
Analog input or Digital pin 16
PC2
ADC_IN12
A3
Analog input or Digital pin 17
PC3
ADC_IN13
A4
Analog input or SDA or Digital
pin 18
PC4 or PF7
ADC_IN14 or I2C2_SDA
A5
Analog input or SCL or Digital
pin 19
PC5 or PF6
ADC_IN15 or I2C2_SCL
Arduino digital connector
STM32F0DISCOVERY
D0
Digital pin 0 or RX
PA3
USART2_RX
D1
Digital pin 1 or TX
PA2
USART2_TX
D2
Digital pin 2 / External interrupt
PB12
EXTI (5V tolerant)
D3
Digital pin 3 / Ext int or PWM
PB11
EXTI (5V tolerant) or TIM2_CH4
D4
Digital pin 4
PA7
GPIO (3V tolerant)
D5
Digital pin 5 or PWM
PB9
TIM17_CH1
D6
Digital pin 6 or PWM
PB8
TIM16_CH1
D7
Digital pin 7
PA6
GPIO (3V tolerant)
D8
Digital pin 8
PA5
GPIO (3V tolerant)
D9
Digital pin 9 or PWM
PA4
TIM14_CH1
D10
Digital pin 10 or CS or PWM
PA11
TIM1_CH4
D11
Digital pin 11 or MOSI or PWM
PB5
SPI1_MOSI or TIM3_CH2
D12
Digital pin 12 or MISO
PB4
SPI1_MISO
D13
Digital pin 13 or SCK
PB3
SPI1_SCK
GND
Reference Ground
GND
Reference Ground
AREF
ADC voltage reference
NC
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com