Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC1G175MDCKREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC1G175MDCKREP
Description  SINGLE D-TYPE FLIP-FLOP WITH ASYNCHRONOUS CLEAR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC1G175MDCKREP Datasheet(HTML) 2 Page - Texas Instruments

  CLVC1G175MDCKREP Datasheet HTML 1Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 2Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 3Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 4Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 5Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 6Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 7Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 8Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Q
1
6
C1
D
CLR
CLK
D
R
3
4
SN74LVC1G175-EP
SGLS366A – AUGUST 2006 – REVISED DECEMBER 2010
www.ti.com
FUNCTION TABLE
INPUTS
OUTPUT
Q
CLR
CLK
D
H
↑
L
L
H
↑
H
H
H
H or L
X
QO
L
X
X
L
LOGIC DIAGRAM (POSITIVE LOGIC)
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state(2) (3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
qJA
Package thermal impedance(4)
259
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC1G175-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com