Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC1G175MDCKREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC1G175MDCKREP
Description  SINGLE D-TYPE FLIP-FLOP WITH ASYNCHRONOUS CLEAR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC1G175MDCKREP Datasheet(HTML) 1 Page - Texas Instruments

  CLVC1G175MDCKREP Datasheet HTML 1Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 2Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 3Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 4Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 5Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 6Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 7Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 8Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DCK PACKAGE
(TOP VIEW)
Q
3
4
D
2
GND
5
1
CLK
V
CC
6
CLR
SN74LVC1G175-EP
www.ti.com
SGLS366A – AUGUST 2006 – REVISED DECEMBER 2010
SINGLE D-TYPE FLIP-FLOP
WITH ASYNCHRONOUS CLEAR
Check for Samples: SN74LVC1G175-EP
1
FEATURES
•
Supports 5-V VCC Operation
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Inputs Accept Voltages to 5.5 V
•
Controlled Baseline
•
Max tpd of 4.3 ns at 3.3 V
•
One Assembly/Test Site
•
Low Power Consumption, 10-mA Max ICC
•
One Fabrication Site
•
±24-mA Output Drive at 3.3 V
•
Available in Military (–55°C/125°C)
•
Ioff Supports Partial Power-Down-Mode
Temperature Range(1)
Operation
•
Extended Product Life Cycle
•
Latch-Up Performance Exceeds 100 mA Per
•
Extended Product-Change Notification
JESD 78, Class II
•
Product Traceability
•
ESD Protection Exceeds JESD 22
–
2000-V Human-Body Model (A114-A)
–
200-V Machine Model (A115-A)
–
1000-V Charged-Device Model (C101)
(1)
Additional temperature ranges available - contact factory
DESCRIPTION/ORDERING INFORMATION
This single D-type flip-flop is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G175 has an asynchronous clear (CLR) input. When CLR is high, data from the input pin (D) is
transferred to the output pin (Q) on the clock's (CLK) rising edge. When CLR is low, Q is forced into the low
state, regardless of the clock edge or data on D.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
–55°C to 125°C
SOT (SC-70) – DCK
Reel of 3000
CLVC1G175MDCKREP
BUD
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(3)
The actual top-side marking has one additional character that designates the assembly/test site.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CLVC1G175MDCKREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVC1G175BDBVRQ1 TI2-CLVC1G175BDBVRQ1 Datasheet
1Mb / 30P
SN74LVC1G175B-Q1 Automotive Single D-Type Flip-Flop With Asynchronous Clear
JUNE 2026
CLVC1G175BDCKRQ1 TI2-CLVC1G175BDCKRQ1 Datasheet
1Mb / 30P
SN74LVC1G175B-Q1 Automotive Single D-Type Flip-Flop With Asynchronous Clear
JUNE 2026
CLVC1G175BMDBVREP TI2-CLVC1G175BMDBVREP Datasheet
1,018Kb / 25P
SN74LVC1G175B-EP Enhanced Product, Single D-Type Flip-Flop with Asynchronous Clear
MARCH 2026
More results

Similar Description - CLVC1G175MDCKREP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Oct-1992
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Texas Instruments
SN74LVC1G175 TI-SN74LVC1G175 Datasheet
226Kb / 12P
SINGLE D-TYPE DFLIP FLOP WITH ASYNCHRONOUS CLEAR
logo
STMicroelectronics
74V2G74 STMICROELECTRONICS-74V2G74 Datasheet
289Kb / 13P
SINGLE D-TYPE FLIP FLOP WITH PRESET AND CLEAR
Dec-2001
logo
Fairchild Semiconductor
NC7SZ175 FAIRCHILD-NC7SZ175_04 Datasheet
154Kb / 9P
TinyLogic UHS D-Type Flip-Flop with Asynchronous Clear
logo
Texas Instruments
SN74F175 TI-SN74F175_07 Datasheet
359Kb / 12P
QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC7PA175FU TOSHIBA-TC7PA175FU Datasheet
190Kb / 8P
D-Type Flip-Flop with Clear
logo
Texas Instruments
SN74LVC1G175 TI1-SN74LVC1G175_15 Datasheet
1Mb / 28P
Single D-Type Flip-Flop With Asynchronous Clear
logo
ON Semiconductor
NL17SZ175 ONSEMI-NL17SZ175 Datasheet
323Kb / 12P
D-Type Flip-Flop with Asynchronous Clear
February, 2021 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com