Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC1G175MDCKREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC1G175MDCKREP
Description  SINGLE D-TYPE FLIP-FLOP WITH ASYNCHRONOUS CLEAR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC1G175MDCKREP Datasheet(HTML) 4 Page - Texas Instruments

  CLVC1G175MDCKREP Datasheet HTML 1Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 2Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 3Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 4Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 5Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 6Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 7Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 8Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN74LVC1G175-EP
SGLS366A – AUGUST 2006 – REVISED DECEMBER 2010
www.ti.com
Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = –100 mA
1.65 V to 5.5 V
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
VOH
V
IOH = –16 mA
2.4
3 V
IOH = –24 mA
2.3
IOH = –32 mA
4.5 V
3.8
IOL = 100 mA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
VOL
V
IOL = 16 mA
0.4
3 V
IOL = 24 mA
0.55
IOL = 32 mA
4.5 V
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±1
mA
Ioff
VI or VO = 5.5 V
0
±10
mA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
mA
ΔICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
mA
Ci
VI = VCC or GND
3.3 V
3
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
100
125
150
175
MHz
CLR
Low
6.0
3.5
3.2
3.0
tw
Pulse duration
ns
CLK
High or low
4.0
3.5
3.2
3.0
Data
3
2.5
2
1.5
tsu
Setup time, before CLK
↑
ns
CLR inactive
0.7
0.7
0.7
0.7
th
Hold time, data after CLK
↑
0.7
0.7
0.7
0.7
ns
4
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC1G175-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com