Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV809K33DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV809K33DBVT
Description  3-Pin Supply Voltage Supervisors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV809K33DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TLV809K33DBVT Datasheet HTML 1Page - Texas Instruments TLV809K33DBVT Datasheet HTML 2Page - Texas Instruments TLV809K33DBVT Datasheet HTML 3Page - Texas Instruments TLV809K33DBVT Datasheet HTML 4Page - Texas Instruments TLV809K33DBVT Datasheet HTML 5Page - Texas Instruments TLV809K33DBVT Datasheet HTML 6Page - Texas Instruments TLV809K33DBVT Datasheet HTML 7Page - Texas Instruments TLV809K33DBVT Datasheet HTML 8Page - Texas Instruments TLV809K33DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TLV809J25, TLV809L30
TLV809K33, TLV809I50
SLVSA03C – JUNE 2010 – REVISED FEBRUARY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
THRESHOLD
PACKAGE-
PACKAGE
OPERATING
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
VOLTAGE
LEAD
DESIGNATOR
TEMPERATURE
MARKING
INFORMATION
QUANTITY
TLV809J25DBVR
Tape and Reel, 3000
DBV
–40°C to +85°C
VTCI
TLV809J25DBVT
Tape and Reel, 250
TLV809J25
2.25 V
SOT23-3
TLV809J25DBZR
Tape and Reel, 3000
DBZ
–40°C to +85°C
BCMT
TLV809J25DBZT
Tape and Reel, 250
TLV809L30DBVR
Tape and Reel, 3000
DBV
–40°C to +85°C
VTXI
TLV809L30DBVT
Tape and Reel, 250
TLV809L30
2.64 V
SOT23-3
TLV809L30DBZR
Tape and Reel, 3000
DBZ
–40°C to +85°C
BCMZ
TLV809L30DBZT
Tape and Reel, 250
TLV809K33DBVR
Tape and Reel, 3000
DBV
–40°C to +85°C
VTRI
TLV809K33DBVT
Tape and Reel, 250
TLV809K33
2.93 V
SOT23-3
TLV809K33DBZR
Tape and Reel, 3000
DBZ
–40°C to +85°C
BCMX
TLV809K33DBZT
Tape and Reel, 250
TLV809I50DBVR
Tape and Reel, 3000
DBV
–40°C to +85°C
VTBI
TLV809I50DBVT
Tape and Reel, 250
TLV809I50
4.55 V
SOT23-3
TLV809I50DBZR
Tape and Reel, 3000
DBZ
–40°C to +85°C
BCMV
TLV809I50DBZT
Tape and Reel, 250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted) .
VALUE
UNIT
VDD
Supply voltage(2)
7
V
All other pins(2)
–0.3 to 7
V
IOL
Maximum low output current
5
mA
IOH
Maximum high output current
–5
mA
IIK
Input clamp current (VI < 0 or VI > VDD)
±20
mA
IOK
Output clamp current (VO < 0 or VO > VDD)
±20
mA
TA
Operating free-air temperature range
–40 to +85
°C
Tstg
Storage temperature range
–65 to +150
°C
Soldering temperature
+260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND. For reliable operation the device should not be operated at 7 V for more than t = 1000h
continuously
2
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TLV809J25 TLV809L30 TLV809K33 TLV809I50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com