Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV809K33DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV809K33DBVT
Description  3-Pin Supply Voltage Supervisors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV809K33DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV809K33DBVT Datasheet HTML 1Page - Texas Instruments TLV809K33DBVT Datasheet HTML 2Page - Texas Instruments TLV809K33DBVT Datasheet HTML 3Page - Texas Instruments TLV809K33DBVT Datasheet HTML 4Page - Texas Instruments TLV809K33DBVT Datasheet HTML 5Page - Texas Instruments TLV809K33DBVT Datasheet HTML 6Page - Texas Instruments TLV809K33DBVT Datasheet HTML 7Page - Texas Instruments TLV809K33DBVT Datasheet HTML 8Page - Texas Instruments TLV809K33DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2
3
1
RESET
V
DD
GND
TLV809
DBV/DBZPackages
3.3V
TLV809K33
DSP/FPGA/ASIC
GND
GND
RESET
RESET
V
DD
3.3-VLDO
GND
OUT
IN
5V
V
DD
TLV809J25, TLV809L30
TLV809K33, TLV809I50
www.ti.com
SLVSA03C – JUNE 2010 – REVISED FEBRUARY 2012
3-Pin Supply Voltage Supervisors
Check for Samples: TLV809J25, TLV809L30, TLV809K33, TLV809I50
1
FEATURES
APPLICATIONS
2
•
3-Pin SOT23 Package
•
DSPs, Microcontrollers, and Microprocessors
•
Supply Current: 9 µA (Typical)
•
Wireless Communication Systems
•
Precision Supply Voltage Monitor:
•
Portable/Battery-Powered Equipment
2.5 V, 3 V, 3.3 V, 5 V
•
Programmable Controls
•
Power-On Reset Generator with
•
Intelligent Instruments
Fixed Delay Time of 200 ms
•
Industrial Equipment
•
Pin-for-Pin Compatible with MAX809
•
Notebook and Desktop Computers
•
Temperature Range: –40°C to +85°C
•
Automotive Systems
DESCRIPTION
The TLV809 family of supervisory circuits provides circuit initialization and timing supervision, primarily for DSPs
and processor-based systems.
During power-on, RESET is asserted when the supply voltage (VDD) becomes higher than 1.1 V. Thereafter, the
supervisory circuit monitors VDD and keeps RESET active as long as VDD remains below the threshold voltage
VIT. An internal timer delays the return of the output to the inactive state (high) to ensure proper system reset.
The delay time (td(typ) = 200 ms) starts after VDD has risen above the threshold voltage, VIT. When the supply
voltage drops below the VIT threshold voltage, the output becomes active (low) again. No external components
are required. All the devices in this family have a fixed sense-threshold voltage (VIT) set by an internal voltage
divider.
The product spectrum is designed for supply voltages of 2.5 V, 3 V, 3.3 V, and 5 V. The circuits are available in a
3-pin SOT-23 package. The TLV809 devices are characterized for operation over a temperature range of –40°C
to +85°C.
Figure 1. TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV809K33DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV809K33DBVT TI1-TLV809K33DBVT Datasheet
929Kb / 20P
3-Pin Supply Voltage Supervisor
TLV809K33DBVT TI2-TLV809K33DBVT Datasheet
1Mb / 26P
TLV809 3-Pin Supply Voltage Supervisor
REVISED DECEMBER 2020
TLV809K33DBVT.A TI2-TLV809K33DBVT.A Datasheet
1Mb / 26P
TLV809 3-Pin Supply Voltage Supervisor
REVISED DECEMBER 2020
More results

Similar Description - TLV809K33DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809J25 TI-TPS3809J25 Datasheet
113Kb / 8P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI-TPS3809J25-Q1 Datasheet
151Kb / 9P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809I50-EP TI1-TPS3809I50-EP Datasheet
376Kb / 13P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25_13 Datasheet
821Kb / 13P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI1-TPS3809J25-Q1_16 Datasheet
837Kb / 19P
3-Pin Supply Voltage Supervisors
TPS3809J25 TI1-TPS3809J25_16 Datasheet
726Kb / 13P
3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP Datasheet
347Kb / 14P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809L30-EP TI1-TPS3809L30-EP_16 Datasheet
722Kb / 14P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25_17 Datasheet
722Kb / 13P
3-Pin Supply Voltage Supervisors
TLV803E TI1-TLV803E Datasheet
749Kb / 27P
3-Pin Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com