Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3492AMDREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3492AMDREP
Description  1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3492AMDREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV3492AMDREP Datasheet HTML 3Page - Texas Instruments TLV3492AMDREP Datasheet HTML 4Page - Texas Instruments TLV3492AMDREP Datasheet HTML 5Page - Texas Instruments TLV3492AMDREP Datasheet HTML 6Page - Texas Instruments TLV3492AMDREP Datasheet HTML 7Page - Texas Instruments TLV3492AMDREP Datasheet HTML 8Page - Texas Instruments TLV3492AMDREP Datasheet HTML 9Page - Texas Instruments TLV3492AMDREP Datasheet HTML 10Page - Texas Instruments TLV3492AMDREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.ti.com
APPLICATION INFORMATION
BOARD LAYOUT
TLV3492
V
IN
V
OUT
0.01 µF
V
REF
10 µF
V+
SETTING REFERENCE VOLTAGE
EXTERNAL HYSTERESIS
HYST
1
2
V
R1
V
R
R
+
´
=
+
TLV3492
V
IN
V
OUT
V
HYST
=0.38V
V+
5V
V
REF
R
1
39kΩ
R
2
560kΩ
TLV3491A-EP, TLV3492A-EP, TLV3494A-EP
SGDS035 – DECEMBER 2007
The TLV349x family of comparators features rail-to-rail input and output on supply voltages as low as 1.8 V. The
push/pull output stage is optimal for reduced power budget applications and features no shoot-through current.
Low supply voltages, common-mode input range beyond supply rails, and a typical supply current of 0.8
µA
make the TLV349x family an excellent candidate for battery-powered applications with single-cell operation.
Figure 1 shows the typical connections for the TLV349x. To minimize supply noise, power supplies should be
capacitively decoupled by a 0.01
µF ceramic capacitor in parallel with a 10 µF electrolytic capacitor. Comparators
are very sensitive to input noise. Proper grounding (use of ground plane) will help maintain specified
performance of the TLV349x family.
Figure 1. Basic Connections of the TLV3492
It is important to use a stable reference when setting the transition point for the TLV349x. The REF1004 provides
a 1.25-V reference voltage with low drift and only 8
µA of quiescent current.
Comparator inputs have no noise immunity within the range of specified offset voltage (±15 mV). For noisy input
signals, the comparator output may display multiple switching as input signals move through the switching
threshold. The typical comparator threshold of the TLV349x is ±15 mV. To prevent multiple switching within the
comparator threshold of the TLV349x, external hysteresis may be added by connecting a small amount of
feedback to the positive input. Figure 2 shows a typical topology used to introduce hysteresis, described by the
equation:
VHYST will set the value of the transition voltage required to switch the comparator output by increasing the
threshold region, thereby reducing sensitivity to noise.
Figure 2. Adding Hysteresis to the TLV3492
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLV3491A-EP TLV3492A-EP TLV3494A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com