Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3492AMDREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3492AMDREP
Description  1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3492AMDREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV3492AMDREP Datasheet HTML 4Page - Texas Instruments TLV3492AMDREP Datasheet HTML 5Page - Texas Instruments TLV3492AMDREP Datasheet HTML 6Page - Texas Instruments TLV3492AMDREP Datasheet HTML 7Page - Texas Instruments TLV3492AMDREP Datasheet HTML 8Page - Texas Instruments TLV3492AMDREP Datasheet HTML 9Page - Texas Instruments TLV3492AMDREP Datasheet HTML 10Page - Texas Instruments TLV3492AMDREP Datasheet HTML 11Page - Texas Instruments TLV3492AMDREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.ti.com
RELAXATION OSCILLATOR
V+
F =724Hz
V+
2/3(V+)
1/3(V+)
R
1
1MΩ
R
2
1MΩ
R
2
1MΩ
R
2
1MΩ
V
OUT
V
C
V+
t
C
1000pF
T
1
T
2
t
POWER-ON RESET
TLV3492
V+
C
1
10nF
R
1
1MΩ
R
2
2MΩ
R
3
2MΩ
RESET
MSP430
TLV3491A-EP, TLV3492A-EP, TLV3494A-EP
SGDS035 – DECEMBER 2007
The TLV3492 can be configured as a relaxation oscillator to provide a simple and inexpensive clock output (see
Figure 3). The capacitor is charged at a rate of 0.69 RC. It also discharges at a rate of 0.69 RC. Therefore, the
period is 1.38 RC. R1 may be a different value than R2.
Figure 3. TLV3492 Configured as a Relaxation Oscillator
The reset circuit shown in Figure 4 provides a time delayed release of reset to the MSP430 microcontroller.
Operation of the circuit is based on a stabilization time constant of the supply voltage, rather than on a
predetermined voltage value. The negative input is a reference voltage created by a simple resistor divider.
These resistor values should be relatively high to reduce the current consumption of the circuit. The positive input
is an RC circuit that provides a power-up delay. When power is applied, the output of the comparator is low,
holding the processor in the reset condition. Only after allowing time for the supply voltage to stabilize does the
positive input of the comparator become higher than the negative input, resulting in a high output state and
releasing the processor for operation. The stabilization time required for the supply voltage is adjustable by the
selection of the RC component values. Use of a lower-valued resistor in this portion of the circuit will not increase
current consumption because no current flows through the RC circuit after the supply has stabilized. The reset
delay time needed depends on the power-up characteristics of the system power supply. R1 and C1 are selected
to allow enough time for the power supply to stabilize. D1 provides rapid reset if power is lost. In this example,
the R1 • C1 time constant is 10 ms.
Figure 4. The TLV349x Configured as a Reset Circuit for the MSP430.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TLV3491A-EP TLV3492A-EP TLV3494A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com