Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3492AMDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3492AMDREP
Description  1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3492AMDREP Datasheet(HTML) 1 Page - Texas Instruments

  TLV3492AMDREP Datasheet HTML 1Page - Texas Instruments TLV3492AMDREP Datasheet HTML 2Page - Texas Instruments TLV3492AMDREP Datasheet HTML 3Page - Texas Instruments TLV3492AMDREP Datasheet HTML 4Page - Texas Instruments TLV3492AMDREP Datasheet HTML 5Page - Texas Instruments TLV3492AMDREP Datasheet HTML 6Page - Texas Instruments TLV3492AMDREP Datasheet HTML 7Page - Texas Instruments TLV3492AMDREP Datasheet HTML 8Page - Texas Instruments TLV3492AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TLV3491A-EP, TLV3492A-EP, TLV3494A-EP
SGDS035 – DECEMBER 2007
www.ti.com
1.8 V, NANOPOWER,
PUSH/PULL OUTPUT COMPARATORS
• Portable Medical Equipment
• Very Low Supply Current: 0.8 µA (Typical)
• Wireless Security Systems
• Input Common Mode Range 200 mV Beyond
• Remote Control Systems
Supply Rails
• Handheld Instruments
• Supply Voltage: 1.8 V to 5.5 V
• Ultra-Low Power Systems
• High Speed: 6 µs
• Push/Pull CMOS Output Stage
• Controlled Baseline
The TLV349x family of push/pull output comparators
–
One Assembly/Test Site, One Fabrication
features a fast 6
µs response time and <1.2 µA (max)
Site
nanopower capability, allowing operation from 1.8 V
• Extended Temperature Performance of –55°C
to 5.5 V. Input common-mode range beyond supply
to 125
°C
rails
make
the
TLV349x
an
ideal
choice
for
low-voltage applications.
• Enhanced Diminishing Manufacturing Sources
(DMS) Support
The
TLV349x
is
excellent
for
power-sensitive,
low-voltage (2-cell) applications.
• Enhanced Product Change Notification
• Qualification Pedigree
TLV349x RELATED PRODUCTS
Component qualification in accordance with JEDEC and industry
PRODUCT
FEATURES
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
550 nA, 2.5 V to 16 V, Push-Pull CMOS
TLV370x
Accelerated Stress Test (HAST) or biased 85/85, temperature
Output Stage Comparator
cycle, autoclave or unbiased HAST, electromigration, bond
550 nA, 2.5 V to 16 V, Open-Drain Output
intermetallic life, and mold compound life. Such qualification testing
TLV340x
Stage Comparator
should not be viewed as justifying use of this component beyond
specified performance and environmental limits.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
PACKAGE
ORDERABLE
TRANSPORT MEDIA,
PRODUCT
TEMPERATURE
LEAD
DESIGNATOR(2)
MARKING
PART NUMBER
QUANTITY
RANGE
TLV3491
SO-8
D
–55
°C to 125°C
3491EP
TLV3491AMDREP(3)
Tape and Reel, 2500
TLV3492
SO-8
D
–55
°C to 125°C
3492EP
TLV3492AMDREP
Tape and Reel, 2500
TLV3494
SO-14
D
–55
°C to 125°C
3494EP
TLV3494AMDREP(3)
Tape and Reel, 2500
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
Prouct Preview. Contact your Texas Instruments Sales Representative for availability.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV3492AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3492AMDREP TI1-TLV3492AMDREP Datasheet
526Kb / 15P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3492AMDREP TI1-TLV3492AMDREP Datasheet
528Kb / 15P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results

Similar Description - TLV3492AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-EP TI1-TLV3701-EP Datasheet
393Kb / 11P
NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3702QDRG4Q1 TI-TLV3702QDRG4Q1 Datasheet
948Kb / 16P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-EP TI1-TLV3701-EP_14 Datasheet
388Kb / 12P
NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_17 Datasheet
528Kb / 15P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com