| Electronic Components Datasheet Search |
|
TMS380C26PQL Datasheet(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS380C26PQL Datasheet(HTML) 33 Page - Texas Instruments |
|
33 / 92 page ![]() TMS380C26 NETWORK COMMPROCESSOR SPWS010A–APRIL 1992–REVISED MARCH 1993 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 33 PARAMETER MEASUREMENT INFORMATION timing parameters The timing parameters for all the pins of TMS380C26 are shown in the following tables and are illustrated in the accompanying figures. The purpose of these figures and tables is to quantify the timing relationships among the various signals. The parameters are numbered for convenience. static signals The following table lists signals that are not allowed to change dynamically and therefore have no timing associated with them. They should be strapped high or low as required. SIGNAL FUNCTION SI/M Host processor select. (Intel/Motorola) CLKDIV Reserved BTSTRP Default bootstrap mode. (RAM/ROM) PRTYEN Default parity select. (enabled/disabled) TEST0 Test pin, indicates network type TEST1 Test pin, indicates network type TEST2 Test pin, indicates network type TEST3 Test pin for TI manufacturing test. † TEST4 Test pin for TI manufacturing test. † TEST5 Test pin for TI manufacturing test. † † For unit-in-place test. timing parameter symbology Timing parameter symbols have been created in accordance with JEDEC standard 100. In order to shorten the symbols, some of the pin names and other related terminology have been abbreviated as shown below: DR DRVR RS SRESET DRN DRVR VDD VDDL, VDDB OSC OSCIN SCK SBCLK Lower case subscripts are defined as follows: c cycle time r rise time d delay time sk skew h hold time su setup time w pulse duration (width) t transition time The following additional letters and phrases are defined as follows: H High Z High impedance L Low Falling edge No longer high V Valid Rising edge No longer low |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |