Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS380C26PQL Datasheet(PDF) 81 Page - Texas Instruments

Part # TMS380C26PQL
Description  NETWORK COMMPROCESSOR
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS380C26PQL Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS380C26PQL Datasheet HTML 77Page - Texas Instruments TMS380C26PQL Datasheet HTML 78Page - Texas Instruments TMS380C26PQL Datasheet HTML 79Page - Texas Instruments TMS380C26PQL Datasheet HTML 80Page - Texas Instruments TMS380C26PQL Datasheet HTML 81Page - Texas Instruments TMS380C26PQL Datasheet HTML 82Page - Texas Instruments TMS380C26PQL Datasheet HTML 83Page - Texas Instruments TMS380C26PQL Datasheet HTML 84Page - Texas Instruments TMS380C26PQL Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
TMS380C26
NETWORK COMMPROCESSOR
SPWS010A–APRIL 1992–REVISED MARCH 1993
POST OFFICE BOX 1443
• HOUSTON, TEXAS
77251–1443
81
PARAMETER MEASUREMENT INFORMATION
68xxx mode bus arbitration timing, SIF takes control
NO.
PARAMETER
MIN
MAX
UNIT
208a
Setup of asynchronous input SBGR before SBCLK no longer high to guarantee recognition on
this cycle
15
ns
208b
Hold of asynchronous input SBGR after SBCLK low to guarantee recognition on this cycle
15
ns
212
Delay from SBCLK low to address valid
25
ns
224a
Delay from SBCLK low in cycle I2 to SOWN low (see Note 24)
25
ns
224c
Delay from SBCLK low in cycle I2 to SDDIR low in DMA read
30
ns
230
Delay from SBCLK high to either SHRQ low or SBRQ high
25
ns
241
Delay from SBCLK high in TX cycle to SUDS and SLDS high
25
ns
241a†
Hold of SUDS, SLDS, SRNW, and SAS high-impedance after SOWN low, bus acquisition
tc(SCK) – 15
ns
† This specification has been characterized to meet stated value.
NOTE 24: Motorola-style bus slaves hold SDTACK active until the bus master deasserts SAS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com