Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS380C26PQL Datasheet(PDF) 73 Page - Texas Instruments

Part # TMS380C26PQL
Description  NETWORK COMMPROCESSOR
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS380C26PQL Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS380C26PQL Datasheet HTML 69Page - Texas Instruments TMS380C26PQL Datasheet HTML 70Page - Texas Instruments TMS380C26PQL Datasheet HTML 71Page - Texas Instruments TMS380C26PQL Datasheet HTML 72Page - Texas Instruments TMS380C26PQL Datasheet HTML 73Page - Texas Instruments TMS380C26PQL Datasheet HTML 74Page - Texas Instruments TMS380C26PQL Datasheet HTML 75Page - Texas Instruments TMS380C26PQL Datasheet HTML 76Page - Texas Instruments TMS380C26PQL Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
TMS380C26
NETWORK COMMPROCESSOR
SPWS010A–APRIL 1992–REVISED MARCH 1993
POST OFFICE BOX 1443
• HOUSTON, TEXAS
77251–1443
73
PARAMETER MEASUREMENT INFORMATION
80x8x mode bus arbitration timing, SIF returns control
NO.
PARAMETER
MIN
MAX
UNIT
220†
Delay from SBCLK low in I1 cycle to SADH0–SADH7, SADL0–SADL7, SPL, SPH, SRD, and SWR
high-impedance
35
ns
223b†
Delay from SBCLK low in I1 cycle to SBHE high-impedance
45
ns
224b
Delay from SBCLK low in cycle I2 to SOWN high
25
ns
224d
Delay from SBCLK low in cycle I2 to SDDIR high
30
ns
230
Delay from SBCLK high in cycle I1 to SHRQ low
25
ns
240†
Setup of SRD, SWR, and SBHE high-impedance before SOWN no longer low
0
ns
† This specification has been characterized to meet stated value.
READ
WRITE
SIF
SIF
SOWN
(see Note B)
SDDIR
SADH0–SADH7,
SADL0–SADL7,
SPH, SPL
SBHE
SRD, SWR
SHRQ
(see Note A)
SIF Outputs:
SHLDA
SBCLK
User Master
Bus Exchange
SIF Master
(T2)
(T1)
I2
I1
T4
T3
224d
220
240
223b
240
220
HI-Z
HI-Z
HI-Z
224b
230
NOTES: A. In 80x8x mode, the system interface deasserts SHRQ on the rising edge of SBCLK following the T4 state of the last system bus
transfer it controls. In 68xxx mode, the system interface deasserts SBRQ on the rising edge of SBCLK in state T2 of the first system
bus transfer it controls.
B. While the system interface DMA controls are active (i.e., SOWN is asserted), the SCS input is disabled.
Figure 35. 80x8x Mode Bus Arbitration Timing, SIF Returns Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com