Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3110 Datasheet(PDF) 26 Page - Texas Instruments

Part # TNETX3110
Description  ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3110 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TNETX3110 Datasheet HTML 22Page - Texas Instruments TNETX3110 Datasheet HTML 23Page - Texas Instruments TNETX3110 Datasheet HTML 24Page - Texas Instruments TNETX3110 Datasheet HTML 25Page - Texas Instruments TNETX3110 Datasheet HTML 26Page - Texas Instruments TNETX3110 Datasheet HTML 27Page - Texas Instruments TNETX3110 Datasheet HTML 28Page - Texas Instruments TNETX3110 Datasheet HTML 29Page - Texas Instruments TNETX3110 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
TNETX3110
ThunderSWITCH
™ 8/3 ETHERNET™ SWITCH
WITH 8 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS047A – MARCH 1998 – REVISED APRIL 1999
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
EEPROM interface
The EEPROM interface is provided so the system-level manufacturer can produce a CPU-less, preconfigured
system to their customers. Customers also may want to change or reconfigure their system and retain their
preferences between system power downs. The device cannot be used without either an EEPROM or CPU
connected to it (see Figure 4).
The EEPROM contains configuration and initialization information that are accessed infrequently, typically at
power up and after a reset. The organization of the EEPROM data is in accordance with the DIO address map.
EEPROM downloads can be initiated in one of two ways:
D At the end of hard reset (rising edge on RESET, or completion of a DIO write to DIOaddrhi register that
changes the value of the three most significant bits from 010 to another value).
D Writing a 1 to load in Syscontrol register. This bit is cleared automatically when the download completes.
It cannot be set during the download by the EEPROM data, thereby preventing a download loop.
During the download, no DIO writes are permitted. If a DIO write is attempted, SRDY is held high until the
download has completed.
The EEPROM size is detected automatically according to the address assigned to the EEPROM:
D 2048 bits organized as a 256 × 8 EEPROM should have its A0, A1, and A2 pins tied low.
D 8192 bits organized as a 1024 × 8 EEPROM should have its A0 and A1 pins tied low and A2 pin tied high.
TNETX3110
EDIO
ECLK
24C0x
Flash EEPROM
SCL
SDA
A0
A1
A2
GND
24C02 = GND
24C08 = VDD
Figure 4. EEPROM Interface Connections
After the initial start condition, a slave address containing a device address of 000 is output on EDIO, and then
EDIO is observed for an acknowledge from the EEPROM. If an acknowledge is received, operation continues
for the 24C02 EEPROM. If none is received, a stop condition is generated, followed by another start condition
and slave address, this time containing a device address of 100. If this receives no acknowledge, no EEPROM
is present, and device operation continues, using the current register settings (i.e., those following a hardware
reset, or those previously entered by software).
When this device is driving EDIO, it drives out only a strong logical 0. When a logical 1 is intended to be driven
out, the pin must be resistively pulled high. An on-chip 50-
µA current-source pullup device is provided on this
pin. The system designer must decide if this is sufficient to achieve a logic-1 level in a timely manner or if an
external supplementary resistor is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com