Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3110 Datasheet(PDF) 50 Page - Texas Instruments

Part # TNETX3110
Description  ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3110 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TNETX3110 Datasheet HTML 46Page - Texas Instruments TNETX3110 Datasheet HTML 47Page - Texas Instruments TNETX3110 Datasheet HTML 48Page - Texas Instruments TNETX3110 Datasheet HTML 49Page - Texas Instruments TNETX3110 Datasheet HTML 50Page - Texas Instruments TNETX3110 Datasheet HTML 51Page - Texas Instruments TNETX3110 Datasheet HTML 52Page - Texas Instruments TNETX3110 Datasheet HTML 53Page - Texas Instruments TNETX3110 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
TNETX3110
ThunderSWITCH
™ 8/3 ETHERNET™ SWITCH
WITH 8 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS047A – MARCH 1998 – REVISED APRIL 1999
50
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating junction temperature range (unless otherwise noted)
Supply voltage range: VDD(2.5V)
–0.5 V to 2.7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDD(3.3V)
–0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: Standard
–0.5 V to VDD(3.3V) + 0.4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO: Standard
–0.5 V to VDD(2.5V) + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal impedance: Junction-to-ambient package, airflow = 0, ZθJA
15
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
Junction-to-ambient package, airflow = 150 fpm, ZθJA
11.5
°C/W
. . . . . . . . . . . . . . . . . . .
Junction-to-case package, 0 ZθJC
1.08
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
0
°C to 95°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Applies to external input buffers. Level-shifting inputs are relative to VDD(3.3V).
2. Applies to external output buffers. Level-shifting outputs are relative to VDD(3.3V).
recommended operating conditions
MIN
NOM
MAX
UNIT
VDD(2.5V)
Supply voltage
2.3
2.5
2.7
V
VDD(3.3V)
Supply voltage
3
3.3
3.6
V
VIH
High-level dc input voltage
2.3
3.3
V
VIL
Low-level dc input voltage
0
0.65
V
IOH
High-level output current
–2
mA
IOL
Low-level output current
–2
mA
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = rated
2.5
V
VOL
Low-level output voltage
IOL = rated
0.5
V
IIH
High-level input current
VI = VDD(3.3V)
1
µA
IIL
Low-level input current
VI = GND
–1
µA
IOZ
High-impedance-state output current
VO = VDD(3.3V),
VO = 0
±10
µA
IDD(2.5V)
Supply current
VDD(2.5V) = max,
f = 83.33 MHz
1.5
A
IDD(3.3V)
Supply current
VDD(3.3V) = max,
f = 83.33 MHz
0.175
A
Ci
Capacitance, input
6
pF
Co
Capacitance, output
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com