Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3110 Datasheet(PDF) 51 Page - Texas Instruments

Part # TNETX3110
Description  ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3110 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TNETX3110 Datasheet HTML 47Page - Texas Instruments TNETX3110 Datasheet HTML 48Page - Texas Instruments TNETX3110 Datasheet HTML 49Page - Texas Instruments TNETX3110 Datasheet HTML 50Page - Texas Instruments TNETX3110 Datasheet HTML 51Page - Texas Instruments TNETX3110 Datasheet HTML 52Page - Texas Instruments TNETX3110 Datasheet HTML 53Page - Texas Instruments TNETX3110 Datasheet HTML 54Page - Texas Instruments TNETX3110 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 65 page
background image
TNETX3110
ThunderSWITCH
™ 8/3 ETHERNET™ SWITCH
WITH 8 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS047A – MARCH 1998 – REVISED APRIL 1999
51
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Outputs are driven to a minimum high-logic level of 3.3 V and to a maximum low-logic level of 0 V.
Output transition times are specified as follows: For a high-to-low transition on either an input or output signal, the
level at which the signal is said to be no longer high is 1.4 V and the level at which the signal is said to be low is 1.4 V.
For a low-to-high transition, the level at which the signal is said to be no longer low is 0.8 V and the level at which
the signal is said to be high is 2 V, as shown in the following.
The rise and fall times are not specified but are assumed to be those of standard TTL devices, which are typically
1.5 ns.
0.8 V (low)
2 V (high)
1.4 V
test measurement
The test-and-load circuit shown in Figure 11 represents the programmable load of the tester pin that is used
to verify timing parameters of the TNETX3110 output signals.
TTL OUTPUT TEST LOAD
CL
IOH
VLOAD
IOL
Where: IOL
= Refer to IOL in recommended operating conditions.
IOH
= Refer to IOH in recommended operating conditions.
VLOAD = 1.5 V, typical dc-level verification or
1.5 V, typical timing verification
CL
= 45 pF, typical load-circuit capacitance
TTL
Output
Under
Test
Test
Point
Figure 11. Test-and-Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com