Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX4090GGP Datasheet(PDF) 18 Page - Texas Instruments

Part # TNETX4090GGP
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090GGP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TNETX4090GGP Datasheet HTML 14Page - Texas Instruments TNETX4090GGP Datasheet HTML 15Page - Texas Instruments TNETX4090GGP Datasheet HTML 16Page - Texas Instruments TNETX4090GGP Datasheet HTML 17Page - Texas Instruments TNETX4090GGP Datasheet HTML 18Page - Texas Instruments TNETX4090GGP Datasheet HTML 19Page - Texas Instruments TNETX4090GGP Datasheet HTML 20Page - Texas Instruments TNETX4090GGP Datasheet HTML 21Page - Texas Instruments TNETX4090GGP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
TNETX4090
ThunderSWITCH II9-PORT 100-/1000-MBIT/S ETHERNETSWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
18
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DIO interface description
The DIO is a general-purpose interface that is used with a range of microprocessor or computer system
interfaces. The interface is backward compatible with the existing TI ThunderSWITCH
™ products. The DIO
provides new signals to support external DMA controllers for improved performance.
This interface configures the switch using the attached CPU, and to access statistics registers (see Table 2).
DIO accesses the NM port to allow frame data to be transferred between the CPU and the switch to support
spanning tree, SNMP, and RMON. The CPU reads and writes packets directly under software control or an
external DMA controller can be used to improve performance. See
TNETX4090 Programmer’s Reference
Guide, literature number SPAU003, for description of registers.
Table 2. DIO Internal Register Address Map
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO
ADDRESS
Port1Control
Port0Control
0x0000
Port3Control
Port2Control
0x0004
Port5Control
Port4Control
0x0008
Port7Control
Port6Control
0x000C
Reserved
Port8Control
0x0010
Reserved
0x0014–0x003C
Reserved
UnkVLANPort
MirrorPort
UplinkPort
0x0040
Reserved
AgingThreshold
0x0044
Reserved
0x0048–0x004C
NLearnPorts
0x0050
TxBlockPorts
0x0054
RxUniBlockPorts
0x0058
RxMultiBlockPorts
0x005C
UnkUniPorts
0x0060
UnkMultiPorts
0x0064
UnkSrcPorts
0x0068
NewVLANIntPorts
0x006C
Reserved
0x0070–0x007C
TrunkMap3
TrunkMap2
TrunkMap1
TrunkMap0
0x0080
TrunkMap7
TrunkMap6
TrunkMap5
TrunkMap4
0x0084
Trunk3Ports
Trunk2Ports
Trunk1Ports
Trunk0Ports
0x0088
Reserved
RingPorts
0x008C
Reserved
0x0090–0x009C
DevCode
Reserved
SIO
Revision
0x00A0
DevNode[23:16]
DevNode[31:24]
DevNode[39:32]
DevNode[47:40]
0x00A4
Reserved
DevNode[7:0]
DevNode[15:8]
0x00A8
MCastLimit
0x00DC
RamStatus
RamControl
Reserved
0x00E0
Reserved
0x00E4
PauseTime100
PauseTime10
0x00E8
PauseTime1000
Reserved
0x00EC
Reserved
FlowThreshold
0x00F0
Reserved
LEDControl
0x00F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com