Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX4090GGP Datasheet(PDF) 62 Page - Texas Instruments

Part # TNETX4090GGP
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090GGP Datasheet(HTML) 62 Page - Texas Instruments

Back Button TNETX4090GGP Datasheet HTML 58Page - Texas Instruments TNETX4090GGP Datasheet HTML 59Page - Texas Instruments TNETX4090GGP Datasheet HTML 60Page - Texas Instruments TNETX4090GGP Datasheet HTML 61Page - Texas Instruments TNETX4090GGP Datasheet HTML 62Page - Texas Instruments TNETX4090GGP Datasheet HTML 63Page - Texas Instruments TNETX4090GGP Datasheet HTML 64Page - Texas Instruments TNETX4090GGP Datasheet HTML 65Page - Texas Instruments TNETX4090GGP Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
TNETX4090
ThunderSWITCH II9-PORT 100-/1000-MBIT/S ETHERNETSWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
62
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
physical medium attachment interface (port 8)
receive
PMA receive (see Figure 16)
NO.
MIN
MAX
UNIT
1
tc(Mxx_RBC)
Cycle time, receive byte clock 0 and 1 (Mxx_RCLK, Mxx_COL)
16
16
ns
tdrift(Mxx_RBC)
Drift rate† of receive bye clock 0 and 1
0.2
ns
2,3
tw(Mxx_RBC)
Pulse duration, Mxx_RCLK, Mxx_COL low or high
40%
60%
ns
4
tsu(Mxx_RXD)
Setup time, Mxx_RXD7–Mxx_RXD0 valid before Mxx_RCLK/COL
2.5
ns
4
tsu(Mxx_RXDV)
Setup time, Mxx_RXDV valid before Mxx_RCLK/COL
2.5
ns
4
tsu(Mxx_RXER)
Setup time, Mxx_RXER valid before Mxx_RCLK/COL
2.5
ns
5
th(Mxx_RXD)
Hold time, Mxx_RXD7–Mxx_RXD0 valid after Mxx_RCLK/COL
1.5
ns
5
th(Mxx_RXDV)
Hold time, Mxx_RXDV valid after Mxx_RCLK/COL
1.5
ns
5
th(Mxx_RXER)
Hold time, Mxx_RXER valid after Mxx_RCLK/COL
1.5
ns
6
tskew(Mxx_RBC)
Skew between receive byte clock 1 and receive byte clock 0
7.5
8.5
ns
† tdrift is the (minimum) time for either RBC0 or RBC1 to drift from 63.5 MHz to 64.5 MHz or 60 Mhz to 59 MHz from their lock value. It is applicable
under all input signal conditions (except under certain circumstances during comma detection), including invalid or absent input signals, if the
receiver clock recovery unit was previously locked to Mxx_RFCLK or to a valid input signal.
Receive Byte
Clock 0
Data Group
1
6
2
5
4
4
5
Comma Detect
Receive
Code Group
Receive Byte
Clock 0
3
Figure 16. PMA Receive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com