Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX4090GGP Datasheet(PDF) 58 Page - Texas Instruments

Part # TNETX4090GGP
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090GGP Datasheet(HTML) 58 Page - Texas Instruments

Back Button TNETX4090GGP Datasheet HTML 54Page - Texas Instruments TNETX4090GGP Datasheet HTML 55Page - Texas Instruments TNETX4090GGP Datasheet HTML 56Page - Texas Instruments TNETX4090GGP Datasheet HTML 57Page - Texas Instruments TNETX4090GGP Datasheet HTML 58Page - Texas Instruments TNETX4090GGP Datasheet HTML 59Page - Texas Instruments TNETX4090GGP Datasheet HTML 60Page - Texas Instruments TNETX4090GGP Datasheet HTML 61Page - Texas Instruments TNETX4090GGP Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
TNETX4090
ThunderSWITCH II9-PORT 100-/1000-MBIT/S ETHERNETSWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
58
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
reading RDRAM
Reading from RDRAM memory is accomplished as follows:
1.
Write the byte address for the access to ramaddress in RAMAddress.
2.
Set rdwrite = 1 and rdram = 1 (these can be written simultaneously).
3.
Poll rdram until it becomes 0. This indicates that the read has completed.
4.
Read the data for the access to RAMData. Up to 64 bytes can be read, provided that all but the six least
significant bits of the address are the same for all the data. Inc in RAMAddress can be used to autoincrement
the address.
internal wrap test
Internal wrap mode causes some or all of the Ethernet MACs to be configured to loop back transmitted data
into the receive path. This allows a frame to be sent into a designated source port and then selectively routed
successively to and from ports involved in the test, before finally transmitting the frame out of the original port.
By varying the number of ports between which the frame is forwarded, the potential fault capture area is
expanded or constrained.
Intwrap in SysTest determines which ports loop back. Ports 0 or 8 can be configured to not loop back, allowing
them to be used as the start/end port for the test. Alternatively, the NM port (accessed via DIO) can be used
for this purpose, with all MII ports configured to loop back.
For a frame to be forwarded from one port to another in this fashion, the switch must be programmed as follows:
D Assign a unique VID to each of the PortxQTag registers, and program these tags into the VLANnQID
registers.
D The VLANnPorts register associated with each of the VLANnQID registers should have only one bit set,
indicating to which port frames containing that IEEE Std 802.3 tag should be routed.
D Rxacc and Txacc for each port must be 1. This causes the port to add the VID from its PortxQTag to the
frame on reception, and strip the tag before transmission.
D The destination address of the frames to be applied is not known, and UnkUniPorts and UnkMultiPorts
should be all 1s.
This causes the following:
1.
The VID from the source port PortxQTag register is added to the frame upon reception. As the address of
the frame is unknown, it is forwarded to the AND of the appropriate VLANnPorts and UnkUniPorts (unicast)
or UnkMultiPorts (multicast). As VLANnPorts should contain only a single 1, this should be a single port.
2.
The frame is transmitted from the destination port selected in 1. Its VLAN tag is stripped beforehand; the
frame loops back to the receive path.
3.
Steps 1 and 2 are repeated, but the VID added upon reception is different from the one just stripped off at
transmission. This means a different VLANnPorts register is used to determine the destination.
The port order shown here is sequential, but the actual order depends on how ports are paired in the
VLANnPorts registers, and how the PortxQTag registers are assigned.
4.
Eventually, the frame is sent to a port that is not configured for loopback, and leaves the switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com