Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22966DPUT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22966DPUT
Description  Dual Channel, Ultra-Low Resistance Load Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22966DPUT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22966DPUT Datasheet HTML 3Page - Texas Instruments TPS22966DPUT Datasheet HTML 4Page - Texas Instruments TPS22966DPUT Datasheet HTML 5Page - Texas Instruments TPS22966DPUT Datasheet HTML 6Page - Texas Instruments TPS22966DPUT Datasheet HTML 7Page - Texas Instruments TPS22966DPUT Datasheet HTML 8Page - Texas Instruments TPS22966DPUT Datasheet HTML 9Page - Texas Instruments TPS22966DPUT Datasheet HTML 10Page - Texas Instruments TPS22966DPUT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Top View
Bottom View
1
VIN1
VIN1
ON
VBIAS
VIN2
VIN2
1
ON2
VOUT2
VOUT1
CT
GND
1
CT2
VOUT2
VOUT1
14
14
1
VOUT2
VOUT1
GND
CT1
CT2
VOUT2
VOUT1
VIN1
VIN1
VBIAS
VIN2
VIN2
ON1
ON2
TPS22966
www.ti.com
SLVSBH4A – JUNE 2012 – REVISED JULY 2012
DPU PACKAGE
PIN TABLE
TPS22966
PIN NAME
I/O
DESCRIPTION
DPU
1
VIN1
I
Switch #1 input. Bypass this input with a ceramic capacitor to GND. Recommended voltage range for
this pin for optimal RON performance is 0.8V to VBIAS.
2
VIN1
I
Switch #1 input. Bypass this input with a ceramic capacitor to GND. Recommended voltage range for
this pin for optimal RON performance is 0.8V to VBIAS.
3
ON1
I
Active high switch #1 control input. Do not leave floating.
4
VBIAS
I
Bias voltage. Power supply to the device. Recommended voltage range for this pin is 2.5V to 5.5V.
See Application Information section.
5
ON2
I
Active high switch #2 control input. Do not leave floating.
6
VIN2
I
Switch #2 input. Bypass this input with a ceramic capacitor to GND. Recommended voltage range for
this pin for optimal RON performance is 0.8V to VBIAS.
7
VIN2
I
Switch #2 input. Bypass this input with a ceramic capacitor to GND. Recommended voltage range for
this pin for optimal RON performance is 0.8V to VBIAS.
8
VOUT2
O
Switch #2 output.
9
VOUT2
O
Switch #2 output.
10
CT2
O
Switch #2 slew rate control. Can be left floating.
11
GND
–
Ground
12
CT1
O
Switch #1 slew rate control. Can be left floating.
13
VOUT1
O
Switch #2 output.
14
VOUT1
O
Switch #2 output.
15
Thermal Pad
O
Thermal pad (exposed center pad) to alleviate thermal stress. Tie to GND. See Application
Information for layout guidelines.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS22966



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com