Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22966DPUT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22966DPUT
Description  Dual Channel, Ultra-Low Resistance Load Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22966DPUT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22966DPUT Datasheet HTML 9Page - Texas Instruments TPS22966DPUT Datasheet HTML 10Page - Texas Instruments TPS22966DPUT Datasheet HTML 11Page - Texas Instruments TPS22966DPUT Datasheet HTML 12Page - Texas Instruments TPS22966DPUT Datasheet HTML 13Page - Texas Instruments TPS22966DPUT Datasheet HTML 14Page - Texas Instruments TPS22966DPUT Datasheet HTML 15Page - Texas Instruments TPS22966DPUT Datasheet HTML 16Page - Texas Instruments TPS22966DPUT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
250
500
750
1000
1250
1500
1750
2000
0.8 1.2 1.6
2
2.4 2.8 3.2 3.6
4
4.4 4.8 5.2 5.6
VIN (V)
−40C
25C
70C
85C
VBIAS = 5.5V
CT = 1nf
G059
500
750
1000
1250
1500
1750
2000
2250
2500
2750
3000
2.5 2.8
3
3.2 3.5 3.8
4
4.2 4.5 4.8
5
5.2 5.5
VBIAS (V)
−40C
25C
70C
85C
VIN = 2.5V
CT = 1nf
G061
TPS22966
www.ti.com
SLVSBH4A – JUNE 2012 – REVISED JULY 2012
TYPICAL CHARACTERISTICS (continued)
VIN vs. tR
VBIAS vs. tR
(VBIAS = 5.5V, CT = 1nF)
(VIN = 2.5V, CT = 1nF)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS22966



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com