Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB-001LEVALZ Datasheet(PDF) 27 Page - Intersil Corporation

Part # KMB-001LEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KMB-001LEVALZ Datasheet(HTML) 27 Page - Intersil Corporation

Back Button KMB-001LEVALZ Datasheet HTML 23Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 24Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 25Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 26Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 27Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 28Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 29Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 30Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 31Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
ISLA214P12
27
FN7982.2
June 27, 2012
'0' to bit 0 at address 0x71, followed by writing a '1' to bit 0 at address
0x71.
ADDRESS 0X72: CLOCK_DIVIDE
The ISLA214P12 has a selectable clock divider that can be set to
divide by four, two or one (no division). By default, the tri-level
CLKDIV pin selects the divisor. This functionality can be
overridden and controlled through the SPI, as shown in Table 9.
This register is not changed by a Soft Reset.
ADDRESS 0X73: OUTPUT_MODE_A
The output_mode_A register controls the physical output format
of the data, as well as the logical coding. The ISLA214P12 can
present output data in two physical formats: LVDS (default) or
LVCMOS. Additionally, the drive strength in LVDS mode can be set
high (default,3mA or low (2mA).
Data can be coded in three possible formats: two’s complement
(default), Gray code or offset binary. See Table 11.
This register is not changed by a Soft Reset.
ADDRESS 0X74: OUTPUT_MODE_B
Bit 6 DLL Range
This bit sets the DLL operating range to fast (default) or slow.
Internal clock signals are generated by a delay-locked loop (DLL),
which has a finite operating range. Table 12 shows the allowable
sample rate ranges for the slow and fast settings.
Bit 4 DDR Enable
Set to a ‘1’ to enable DDR.
ADDRESS 0XB6: CALIBRATION STATUS
The LSB at address 0xB6 can be read to determine calibration
status. The bit is ‘0’ during calibration and goes to a logic ‘1’
when calibration is complete.This register is unique in that it can
be read after POR at calibration, unlike the other registers on
chip, which can’t be read until calibration is complete.
DEVICE TEST
The ISLA214P12 can produce preset or user defined patterns on
the digital outputs to facilitate in-situ testing. A user can pick
from preset built-in patterns by writing to the output test mode
field [7:4] at 0xC0 or user defined patterns by writing to the user
test mode field [2:0] at 0xC0. The user defined patterns should
be loaded at address space 0xC1 through 0xD0, see the “SPI
Memory Map” on page 29 for more detail.The predefined
patterns are shown in Table 13. The test mode is enabled
asynchronously to the sample clock, therefore several sample
clock cycles may elapse before the data is present on the output
bus.
ADDRESS 0XC0: TEST_IO
Bits 7:4 Output Test Mode
These bits set the test mode according to Table 13. Other
values are reserved.User test patterns loaded at 0xC1 through
0xD0 are also available by writing ‘1000’ to [7:4] at 0xC0 and a
pattern depth value to [2:0] at 0xC0. See the memory map.
Bits 2:0 User Test Mode
The three LSBs in this register determine the test pattern in
combination with registers 0xC1 through 0xD0. Refer to the
SPI Memory Map on page 29.
TABLE 9. CLOCK DIVIDER SELECTION
VALUE
0x72[2:0]
CLOCK DIVIDER
000
Pin Control
001
Divide by 1
010
Divide by 2
100
Divide by 4
other
Not Allowed
TABLE 10. OUTPUT MODE CONTROL
VALUE
0x73[7:5]
OUTPUT MODE
000
LVDS 3mA (Default)
001
LVDS 2mA
100
LVCMOS
TABLE 11. OUTPUT FORMAT CONTROL
VALUE
0x73[2:0]
OUTPUT FORMAT
000
Two’s Complement (Default)
FIGURE 42. PHASE SLIP
ADC Input
Clock (500MHz)
Output Data
Clock (250MHz)
No clock_slip
Output Data
Clock (250MHz)
1 clock_slip
Output Data
Clock (250MHz)
2 clock_slip
2ns
4ns
2ns
010
Gray Code
100
Offset Binary
TABLE 12. DLL RANGES
DLL RANGE
MIN
MAX
UNIT
Slow
40
100
MSPS
Fast
80
125
MSPS
TABLE 11. OUTPUT FORMAT CONTROL
VALUE
0x73[2:0]
OUTPUT FORMAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com