Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB-001LEVALZ Datasheet(PDF) 16 Page - Intersil Corporation

Part # KMB-001LEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KMB-001LEVALZ Datasheet(HTML) 16 Page - Intersil Corporation

Back Button KMB-001LEVALZ Datasheet HTML 12Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 13Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 14Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 15Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 16Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 17Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 18Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 19Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
ISLA214P12
16
FN7982.2
June 27, 2012
FIGURE 13. NOISE HISTOGRAM
FIGURE 14. SINGLE-TONE SPECTRUM @ 105MHz
FIGURE 15. SINGLE-TONE SPECTRUM @ 190MHz
FIGURE 16. SINGLE-TONE SPECTRUM @ 363MHz
FIGURE 17. TWO-TONE SPECTRUM (F1 = 70MHz, F2 = 71MHz AT
-7dBFS)
FIGURE 18. TWO-TONE SPECTRUM (F1 = 170MHz, F2 = 171MHz AT
-7dBFS)
Typical Performance Curves
All Typical Performance Characteristics apply under the following conditions unless otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C, AIN = -1dBFS,
fIN = 105MHz, fSAMPLE = 125MSPS. (Continued)
0
106
2939
118
10
0
10000
20000
30000
40000
50000
60000
70000
80000
8169 8170 8171 8172 8173 8174 8175 8176 8177 8178 8179
71821
22204
2775
24535
STDEV = 0.95 CODES
CODE
75501
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
FREQUENCY (MHz)
AIN = -1.0 dBFS
SNR = 74.7 dBFS
SFDR = 84.5 dBc
SINAD = 74.1 dBFS
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
FREQUENCY (MHz)
AIN = -1.0 dBFS
SNR = 73.5 dBFS
SFDR = 82.2 dBc
SINAD = 72.9 dBFS
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
FREQUENCY (MHz)
AIN = -1.0 dBFS
SNR = 70.3 dBFS
SFDR = 81.0 dBc
SINAD = 69.9 dBFS
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
FREQUENCY (MHz)
IMD3 = -85 dBFS
IMD2
IMD3
2ND HARMONICS
3RD HARMONICS
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
FREQUENCY (MHz)
IMD3 = -105 dBFS
IMD2
IMD3
2ND HARMONICS
3RD HARMONICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com