Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB-001LEVALZ Datasheet(PDF) 28 Page - Intersil Corporation

Part # KMB-001LEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KMB-001LEVALZ Datasheet(HTML) 28 Page - Intersil Corporation

Back Button KMB-001LEVALZ Datasheet HTML 24Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 25Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 26Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 27Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 28Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 29Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 30Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 31Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 32Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
ISLA214P12
28
FN7982.2
June 27, 2012
ADDRESS 0XC1: USER_PATT1_LSB
ADDRESS 0XC2: USER_PATT1_MSB
These registers define the lower and upper eight bits,
respectively, of the user-defined pattern 1.
ADDRESS 0XC3: USER_PATT2_LSB
ADDRESS 0XC4: USER_PATT2_MSB
These registers define the lower and upper eight bits,
respectively, of the user-defined pattern 2
ADDRESS 0XC5: USER_PATT3_LSB
ADDRESS 0XC6: USER_PATT3_MSB
These registers define the lower and upper eight bits,
respectively, of the user-defined pattern 3
ADDRESS 0XC7: USER_PATT4_LSB
ADDRESS 0XC8: USER_PATT4_MSB
These registers define the lower and upper eight bits,
respectively, of the user-defined pattern 4.
ADDRESS 0XC9: USER_PATT5_LSB
ADDRESS 0XCA: USER_PATT5_MSB
These registers define the lower and upper eight bits,
respectively, of the user-defined pattern 5.
ADDRESS 0XCB: USER_PATT6_LSB
ADDRESS 0XCC: USER_PATT6_MSB
These registers define the lower and upper eight bits,
respectively, of the user-defined pattern 6.
ADDRESS 0XCD: USER_PATT7_LSB
ADDRESS 0XCE: USER_PATT7_MSB
These registers define the lower and upper eight bits,
respectively, of the user-defined pattern 7.
ADDRESS 0XCF: USER_PATT8_LSB
ADDRESS 0XD0: USER_PATT8_MSB
These registers define the lower and upper eight bits,
respectively, of the user-defined pattern 8.
ADDRESS 0XFE: OFFSET/GAIN_ADJUST_ENABLE
Bit 0 at this register must be set high to enable adjustment of
offset coarse and fine adjustments (0x20 and 0x21) and gain
medium and gain fine adjustments(0x23 and 0x24). It is
recommended that new data be written to the offset and gain
adjustment registers (0x20, 0x21, 0x23, 0x24) while Bit 0 is a
‘0’. Subsequently, Bit 0 should be set to ‘1’ to allow the values
written to the aforementioned registers to be used by the ADC.
Bit 0 should be set to a ‘0’ upon completion.
TABLE 13. OUTPUT TEST MODES
VALUE
0xC0[7:4]
OUTPUT TEST MODE
WORD 1
WORD 2
0000
Off
0001
Midscale
0x8000
N/A
0010
Positive Full-Scale
0xFFFF
N/A
0011
Negative Full-Scale
0x0000
N/A
0100
SDR/DDR Dependent
N/A
N/A
0101
Reserved
N/A
N/A
0110
Reserved
N/A
N/A
0111
SDR/DDR Dependent
N/A
N/A
1000
User Pattern
user_patt1
user_patt2
1001
Reserved
N/A
N/A
1010
Ramp
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com