Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST45VF010 Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST45VF010
Description  512 Kbit / 1 Mbit / 2 Mbit Serial Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST45VF010 Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST45VF010 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
© 2000 Silicon Storage Technology, Inc.
512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST45VF512 / SST45VF010 / SST45VF020
Advance Information
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
S71178
514-1 10/00
FIGURE 1: PIN ASSIGNMENTS FOR 8-PIN SOIC
1
2
3
4
8
7
6
5
WP#
VDD
CE#
SCK
RESET#
VSS
SO
SI
Standard Pinout
Top View
Die Up
514 ILL F01.0
TABLE 2: PIN DESCRIPTION
Symbol
Pin Name
Functions
SCK
Serial Clock
To provide the timing of the serial interface. Commands, addresses, or
input data are latched on the rising edge of the clock input, while output
data is shifted out on the falling edge of the clock input.
SI
Serial Data Input
To transfer commands, addresses, or data serially into the device. Inputs
are latched on the rising edge of the serial clock.
SO
Serial Data Output
To transfer data serially out of the device. Data is shifted out on the
falling edge of the serial clock.
CE#
Chip Enable
The device is enabled by a high to low transition on CE#.
WP#
Write Protect
To protect the device from unintentional Write (Erase or Program)
operations. When WP# is low, all Erase and Program commands are
ignored. When WP# is high, the device may be erased or programmed.
This pin has an internal pull-up and could remain unconnected when not used.
RESET#
Reset
A high to low transition on RESET# will terminate any operation in progress
and reset the internal logic to the standby mode. The device will remain in the
reset condition as long as the RESET# is low. Operations may only occur
when RESET# is high. This pin has an internal pull-up and could remain
unconnected when not used.
VDD
Power Supply
To provide power supply (2.7-3.6V).
VSS
Ground
514 PGM T2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com