Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST45VF010 Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST45VF010
Description  512 Kbit / 1 Mbit / 2 Mbit Serial Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST45VF010 Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST45VF010 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
© 2000 Silicon Storage Technology, Inc.
S71178
514-1 10/00
512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST45VF512 / SST45VF010 / SST45VF020
Advance Information
Bus Cycle
1
2
3
4
5
6
7 and after
Operation/Type
Command
Address1
Address
Address
Data
Dummy
Data
Read
FFH
A23-A16
A15-A8
A7-A0
X
X
Dout
Sector-Erase2
20H
A23-A16
A15-A8
X
D0H
X
Chip-Erase
60H
X
X
X
D0H
X
Byte-Program
10H
A23-A16
A15-A8
A7-A0
Din
X
Software-Status
9FH
Dout
Read SST ID
90H
X
X
A0=0
BFH
Read Device ID3
90H
X
X
A0=1
Device ID
Notes:
1. A23-A16 are “Don't Care” for SST45VF512, A23-A17 are “Don't Care” for SST45VF010, A23-A18 are “Don't Care” for SST45VF020.
2. A16-A12 are used to determine sector address, A11-A8 are don't care.
3. With A15-A1 = 0, SST45VF512 Device ID = 41H, is read with A0 = 1.
With A16-A1 = 0, SST45VF010 Device ID = 45H, is read with A0 = 1.
With A17-A1 = 0, SST45VF020 Device ID = 43H, is read with A0 = 1.
TABLE 3: DEVICE OPERATION INSTRUCTIONS
514 PGM T3.3
TABLE 4: DEVICE OPERATION TABLE
Operation
SI
SO
CE#1
WP#
RESET#
Read
X
Dout
Low
X
High
Sector-Erase
X
X
Low
High
High
Chip-Erase
X
X
Low
High
High
Byte-Program
Din
X
Low
High
High
Software-Status
X
Dout
Low
X
High
Reset2
X
XXX
Low
Read SST ID
X
Dout
Low
X
High
Read Device ID
X
Dout
Low
X
High
Notes:
1.
A high to low transition on CE# will be required to start any device operation except for Reset.
2.
The RESET# low will return the device to standby and terminate any Erase or Program operation in progress.
514 PGM T4.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com