Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST45VF010 Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST45VF010
Description  512 Kbit / 1 Mbit / 2 Mbit Serial Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST45VF010 Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST45VF010 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
© 2000 Silicon Storage Technology, Inc.
512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST45VF512 / SST45VF010 / SST45VF020
Advance Information
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
S71178
514-1 10/00
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute maximum Stress
Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device
at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied.
Exposure to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias ................................................................................................................. -55°C to +125°C
Storage Temperature ...................................................................................................................... -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential ............................................................................ -0.5V to VDD + 0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential ........................................................ -1.0V to VDD + 1.0V
Package Power Dissipation Capability (Ta = 25°C) ........................................................................................... 1.0W
Surface Mount Lead Soldering Temperature (3 Seconds) ............................................................................... 240°C
Output Short Circuit Current1 ................................................................................................................................................................... 50 mA
AC CONDITIONS OF TEST
Input Rise/Fall Time ......... 5 ns
Output Load ..................... CL = 30 pF
See Figures 2 and 3
TABLE 5: DC OPERATING CHARACTERISTICS VDD = 2.7-3.6V
Limits
Symbol Parameter
Min
Max
Units
Test Conditions
Power Supply Current
f = 10 MHz
IDD
Read
20
mA
CE# = VIL, VDD = VDD Max.
Program and Erase
30
mA
CE# = VIL, VDD = VDD Max.
ISB
Standby Current
15
µA
CE# = VIHC, VDD = VDD Max.
ILI
Input Leakage Current
1
µA
VIN =GND to VDD, VDD = VDD Max.
ILO
Output Leakage Current
1
µA
VOUT =GND to VDD, VDD = VDD Max.
IIL
Input Low Current(2)
360
µA
WP#, RESET# = GND
VIL
Input Low Voltage
0.8
V
VDD = VDD Min.
VIH
Input High Voltage
0.7 VDD
VVDD = VDD Max.
VIHC
Input High Voltage (CMOS) VDD-0.3
V
VDD = VDD Max.
VOL
Output Low Voltage
0.2
V
IOL = 100 µA, VDD = VDD Min.
VOH
Output High Voltage
VDD-0.2
V
IOH = -100 µA, VDD = VDD Min.
Note: 1. Outputs shorted for no more than one second. No more than one output shorted at a time.
2. This parameter only applies to WP# and RESET# pins.
514 PGM T5.2
OPERATING RANGE
Range
Ambient Temp
VDD
Commercial
0 °C to +70 °C
2.7-3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com