Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70751MPWPREP Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70751MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751MPWPREP Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS70751MPWPREP Datasheet HTML 25Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 26Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 27Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 28Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 29Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 30Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 31Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 32Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
www.ti.com
Split Voltage DSP Application
1.8V
V
IN1
V
IN2
EN
SEQ
V
OUT1
V
SENSE1
PG1
MR2
RESET
MR1
V
SENSE2
V
OUT2
TPS70751PWP
5V
3.3V
I/O
MR1
Core
0.1
F
m
RESET
10
F
m
10
F
m
DSP
MR2
PG1
EN
250kW
>2V
<0.7V
250kW
>2V
<0.7V
>2V
<0.7V
0.1
F
m
83%
95%
120ms
EN
V
OUT2
(Core)
PG1
RESET
SEQ
95%
83%
V
OUT1
(I/O)
NOTE: A.t1
TimeatwhichbothV
andV
aregreaterthanthePGthresholdsand
islogichigh.
-
OUT1
OUT2
MR1
t1
(seeNote A)
TPS70751-EP
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR
WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
SLVS718 – DECEMBER 2006
APPLICATION INFORMATION (continued)
Figure 38 shows a typical application where the TPS70751 is powering up a DSP. In this application, by
grounding the SEQ pin, VOUT1(I/O) is powered up first, and then VOUT2(core) is powered up.
Figure 38. Application Timing Diagram (SEQ = Low)
29
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com