Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70751MPWPREP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70751MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751MPWPREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS70751MPWPREP Datasheet HTML 6Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 7Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 8Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 9Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 10Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 11Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 12Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 13Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
1.799
1.797
1.796
1.795
0
0.025
0.05
0.075
1.800
1.801
1.802
0.1
0.125
1.798
IO − Output Current − A
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VIN2 = 2.8 V
TJ = 25°C
VOUT2
IO − Output Current − A
3.299
3.298
3.296
3.295
0
0.05
0.1
0.15
3.301
3.302
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.303
0.2
0.25
3.3
3.297
VIN1 = 4.3 V
TJ = 25°C
VOUT1
TPS70751-EP
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR
WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
SLVS718 – DECEMBER 2006
Table of Graphs
FIGURE
vs Output current
1, 2
Output voltage
vs Junction temperature
3–6
Ground current
vs Junction temperature
7
Power-supply rejection ratio
vs Frequency
8–11
Output spectral noise density
vs Frequency
12–15
Output impedance
vs Frequency
16–19
Dropout voltage
vs Junction temperature
20, 21
Load transient response
22, 23
Line transient response
24, 25
Output voltage
vs Time (start-up)
26, 27
Equivalent series resistance
vs Output current
29–32
(ESR)
Figure 1.
Figure 2.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com