Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70751MPWPREP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70751MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751MPWPREP Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS70751MPWPREP Datasheet HTML 29Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 30Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 31Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 32Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 33Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 34Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 35Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 36Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
www.ti.com
ESR1
ESR2
ESR3
3
1
2
t
1
t
2
I
O
V
O
Regulator Protection
TPS70751-EP
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR
WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
SLVS718 – DECEMBER 2006
Figure 42. Correlation of Different ESRs and Their Influence to the Regulation of VO
at a Load Step From Low-to-High Output Current
Both TPS70751 PMOS-pass transistors have built-in back diodes that conduct reverse currents when the input
voltage drops below the output voltage (e.g., during power down). Current is conducted from the output to the
input and is not internally limited. When extended reverse voltage is anticipated, external limiting may be
appropriate.
The TPS70751 also features internal current limiting and thermal protection. During normal operation, the
TPS70751 regulator 1 limits output current to approximately 1.6 A (typ) and regulator 2 limits output current to
approximately 750 mA (typ). When current limiting engages, the output voltage scales back linearly until the
overcurrent condition ends. While current limiting is designed to prevent gross device failure, care should be
taken not to exceed the power dissipation ratings of the package. If the temperature of the device exceeds
150
°C (typ), thermal-protection circuitry shuts it down. Once the device has cooled below 130°C (typ),
regulator operation resumes.
33
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com