Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETEL1200 Datasheet(PDF) 16 Page - Texas Instruments

Part # TNETEL1200
Description  EtherLoopE MODEM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETEL1200 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TNETEL1200 Datasheet HTML 12Page - Texas Instruments TNETEL1200 Datasheet HTML 13Page - Texas Instruments TNETEL1200 Datasheet HTML 14Page - Texas Instruments TNETEL1200 Datasheet HTML 15Page - Texas Instruments TNETEL1200 Datasheet HTML 16Page - Texas Instruments TNETEL1200 Datasheet HTML 17Page - Texas Instruments TNETEL1200 Datasheet HTML 18Page - Texas Instruments TNETEL1200 Datasheet HTML 19Page - Texas Instruments TNETEL1200 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TNETEL1200
EtherLoop
™ MODEM
SPHS003D – FEBRUARY 1999 – REVISED JUNE 1999
16
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
HDLC INTERFACE
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature
transmit and receive (see Figure 9)
NO.
PARAMETER
MIN
MAX
UNIT
1
th
Hold time, TXDATA after TXCLK
0
ns
2
tsu
Setup time, TXDATA before TXCLK
15
ns
3
td
Delay time, RXDATA after RXCLK
0
ns
4
tw
Pulse duration, TXCLK high
75
ns
5
tw
Pulse duration, TXCLK low
75
ns
6
tw
Pulse duration, RXCLK high
100
ns
7
tw
Pulse duration, RXCLK low
50
ns
TXCLK
TXDATA
RXCLK
RXDATA
2
1
4
5
6
7
3
Figure 9. Transmit and Receive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com