Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC176AMDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC176AMDREP
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC176AMDREP Datasheet(HTML) 1 Page - Texas Instruments

  SN65LBC176AMDREP Datasheet HTML 1Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 2Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 3Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 4Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 5Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 6Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 7Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 8Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN65LBC176AEP
DIFFERENTIAL BUS TRANSCEIVER
SGLS151C − DECEMBER 2002 − REVISED JULY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Extended Temperature Performance of
−40
°C to 125°C and −55°C to 125°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product Change Notification
D Qualification Pedigree†
D High-Speed Low-Power LinBiCMOS
Circuitry Designed for Signaling Rates‡ Up
to 30 Mbps
D Bus-Pin ESD Protection Exceeds 12-kV
HBM
D Compatible With ANSI Standard
TIA/EIA-485-A and ISO 8482:1987(E)
D Low Skew
D Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
D Low Disabled Supply Current
Requirements . . . 700
µA Maximum
D Common-Mode Voltage Range of −7 V
to 12 V
D Thermal-Shutdown Protection
D Driver Positive and Negative Current
Limiting
D Open-Circuit Fail-Safe Receiver Design
D Receiver Input Sensitivity... ±200 mV Max
D Receiver Input Hysteresis . . . 50 mV Typ
D Glitch-Free Power-Up and Power-Down
Protection
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
‡ Signaling rate by TIA/EIA-485-A definition restrict transition times
to 30% of the bit length, and much higher signaling rates may be
achieved without this requirement as displayed in the TYPICAL
CHARACTERISTICS of this device.
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
D Package
(TOP VIEW)
INPUT
D
H
L
X
Open
ENABLE
DE
H
H
L
H
OUTPUTS
A
B
H
L
L
H
Z
Z
H
L
DRIVER
DIFFERENTIAL INPUTS
VA −VB
VID ≥ 0.2 V
− 0.2 V < VID < 0.2 V
VID ≤ −0.2 V
X
Open
ENABLE
RE
L
L
L
H
L
OUTPUT
R
H
?
L
Z
H
RECEIVER
H = high level,
L = low level,
? = indeterminate,
X = irrelevant,
Z = high impedance (off)
Function Tables
D
RE
R
7
6
4
1
2
B
A
Bus
3
DE
logic diagram (positive logic)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinBiCMOS and LinASIC are trademarks of Texas Instruments.


Similar Part No. - SN65LBC176AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC176AMDREP TI2-SN65LBC176AMDREP Datasheet
525Kb / 21P
DIFFERENTIAL BUS TRANSCEIVER
REVISED JULY 2004
SN65LBC176AMDREP.A TI2-SN65LBC176AMDREP.A Datasheet
525Kb / 21P
DIFFERENTIAL BUS TRANSCEIVER
REVISED JULY 2004
More results

Similar Description - SN65LBC176AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com